Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR280AKS-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADR280AKS-R2
Description  1.2 V Ultralow Power High PSRR Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR280AKS-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR280AKS-R2 Datasheet HTML 3Page - Analog Devices ADR280AKS-R2 Datasheet HTML 4Page - Analog Devices ADR280AKS-R2 Datasheet HTML 5Page - Analog Devices ADR280AKS-R2 Datasheet HTML 6Page - Analog Devices ADR280AKS-R2 Datasheet HTML 7Page - Analog Devices ADR280AKS-R2 Datasheet HTML 8Page - Analog Devices ADR280AKS-R2 Datasheet HTML 9Page - Analog Devices ADR280AKS-R2 Datasheet HTML 10Page - Analog Devices ADR280AKS-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADR280
Rev. C | Page 7 of 12
THEORY OF OPERATION
The ADR280 provides the basic core 1.2 V band gap reference.
It contains two NPN transistors, Q9 and Q17, with their emitter
areas scaled in a fixed ratio. The difference in the VBE produces
a proportional to absolute temperature (PTAT) voltage that
cancels the complementary to absolute temperature (CTAT) Q9
VBE voltage. As a result, a core band gap voltage that is almost a
constant 1.2 V over temperature is generated (see Figure 11).
Precision laser trimming of the internal resistors and other
proprietary circuit techniques are used to enhance the initial
accuracy, temperature curvature, and temperature drift
performance.
R1
R3
R5
R7
R9
Q17
Q9
Q18
R8
Q3
R6
Q5
Q6
R4
Q1
PNP3
R2
R12
Q2
Q10
R13
C1
Q7
R10
R11
V–
V+
I1
VOUT
Figure 11. Simplified Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com