Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR280AKS-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADR280AKS-R2
Description  1.2 V Ultralow Power High PSRR Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR280AKS-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADR280AKS-R2 Datasheet HTML 1Page - Analog Devices ADR280AKS-R2 Datasheet HTML 2Page - Analog Devices ADR280AKS-R2 Datasheet HTML 3Page - Analog Devices ADR280AKS-R2 Datasheet HTML 4Page - Analog Devices ADR280AKS-R2 Datasheet HTML 5Page - Analog Devices ADR280AKS-R2 Datasheet HTML 6Page - Analog Devices ADR280AKS-R2 Datasheet HTML 7Page - Analog Devices ADR280AKS-R2 Datasheet HTML 8Page - Analog Devices ADR280AKS-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADR280
Rev. C | Page 3 of 12
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VIN = 2.55 V to 5.5 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
Output Voltage
VOUT
2.4 V < VIN < 5.5 V, 0 μA < IOUT < 10 μA, −40°C < TA < +85°C
1.195
1.200
1.205
V
Temperature Coefficient
TCVO
0°C < TA < 50°C
5
20
ppm/°C
–40°C < TA < +85°C
10
40
ppm/°C
Line Regulation
ΔVOUT/ΔVIN
2.55 V < VIN < 5.5 V, no load
2
12
ppm/V
Supply Current
IIN
2.4 V < VIN < 5.5 V, no load
10
16
μA
Ground Current
IGND
V– grounded, ILOAD = 10 μA
12
20
μA
Input Voltage Range
VIN
2.4
5.5
V
Operating Temperature Range
TA
−40
+85
°C
Nominal Load Capacitance
COUT
1
μF
Output Noise Voltage
VN rms
f = 10 Hz to 10 kHz
12.5
μV rms
Voltage Noise Density
eN
f = 400 kHz
12.5
nV/√Hz
Power Supply Ripple Rejection2
PSRR
ILOAD = 10 μA
−80
dB
Start-Up Time
tON
2
ms
1 Typical values represent average readings taken at room temperature.
2 Power supply ripple rejection measurement applies to a changing input voltage (VIN) waveform with a nominal 3.6 V baseline that drops to a 3 V value for 380 μs at a
4.6 ms repetition rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com