Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR280AKSZ-R21 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR280AKSZ-R21
Description  1.2 V Ultralow Power High PSRR Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR280AKSZ-R21 Datasheet(HTML) 1 Page - Analog Devices

  ADR280AKSZ-R21 Datasheet HTML 1Page - Analog Devices ADR280AKSZ-R21 Datasheet HTML 2Page - Analog Devices ADR280AKSZ-R21 Datasheet HTML 3Page - Analog Devices ADR280AKSZ-R21 Datasheet HTML 4Page - Analog Devices ADR280AKSZ-R21 Datasheet HTML 5Page - Analog Devices ADR280AKSZ-R21 Datasheet HTML 6Page - Analog Devices ADR280AKSZ-R21 Datasheet HTML 7Page - Analog Devices ADR280AKSZ-R21 Datasheet HTML 8Page - Analog Devices ADR280AKSZ-R21 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.2 V Ultralow Power
High PSRR Voltage Reference
ADR280
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2007 Analog Devices, Inc. All rights reserved.
FEATURES
1.2 V precision output
Excellent line regulation: 2 ppm/V typical
High power supply ripple rejection: –80 dB at 220 Hz
Ultralow power supply current: 16 μA maximum
Temperature coefficient: 40 ppm/°C maximum
Low noise, 12.5 nV/√Hz typical
Operating supply range, 2.4 V to 5.5 V
Compact 3-lead SOT-23 and SC70 packages
APPLICATIONS
List GSM, GPRS, 3G mobile stations
Portable battery-operated electronics
Low voltage converter references
Wireless devices
GENERAL DESCRIPTION
The ADR280 is a 1.2 V band gap core reference with excellent
line regulation and power supply rejection designed specifically
for applications experiencing heavy dynamic supply variations,
such as data converter references in GSM, GPRS, and 3G
mobile station applications. Devices such as the AD6535 that
have an analog baseband IC with on-board baseband, audio
codecs, voltage regulators, and battery chargers rely on the
ability of the ADR280 to reject input battery voltage variations
during RF power amplifier activity.
In addition to mobile stations, the ADR280 is suitable for a
variety of general-purpose applications. Most band gap refer-
ences include internal gain for specific outputs, which simplifies
the user’s design, but compromises on the cost, form factor, and
flexibility. The ADR280, on the other hand, optimizes the band
gap core voltage and allows users to tailor the voltage, current,
or transient response by simply adding their preferred op amps.
The ADR280 operates on a wide supply voltage range from
2.4 V to 5.5 V. It is available in compact 3-lead SOT-23 and
SC70 packages. The device is specified over the extended indus-
trial temperature range of −40°C to +85°C.
PIN CONFIGURATIONS
V+ 1
VOUT 2
V–
3
ADR280
Figure 1. 3-Lead SOT-23
(RT Suffix)
VOUT 1
V+ 2
V–
3
ADR280
Figure 2. 3-Lead SC70
(KS Suffix)
15
–15
–10
–5
0
5
10
3V TO 5V
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
Figure 3. Line Regulation vs. Temperature


Similar Part No. - ADR280AKSZ-R21

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR280AKS-R2 AD-ADR280AKS-R2 Datasheet
498Kb / 8P
1.2 V Ultralow Power High PSRR Voltage Reference
6/03-Data Sheet changed from REV. 0 to REV. A.
ADR280AKS-REEL7 AD-ADR280AKS-REEL7 Datasheet
498Kb / 8P
1.2 V Ultralow Power High PSRR Voltage Reference
6/03-Data Sheet changed from REV. 0 to REV. A.
More results

Similar Description - ADR280AKSZ-R21

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR280 AD-ADR280 Datasheet
498Kb / 8P
1.2 V Ultralow Power High PSRR Voltage Reference
6/03-Data Sheet changed from REV. 0 to REV. A.
ADR512 AD-ADR512 Datasheet
208Kb / 8P
1.2 V Precision Low Noise Shunt Voltage Reference
REV.0
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
ADR512ARTZ-REEL7 AD-ADR512ARTZ-REEL7 Datasheet
282Kb / 12P
1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
ADR280 AD-ADR280_15 Datasheet
849Kb / 12P
1.2 V Ultralow Power High PSRR Voltage Reference
REV. C
ADR512 AD-ADR512_15 Datasheet
282Kb / 12P
1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
ADCMP380 AD-ADCMP380 Datasheet
271Kb / 10P
Ultralow Power Voltage Comparator with Reference
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com