Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR280ART-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADR280ART-R2
Description  1.2 V Ultralow Power High PSRR Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR280ART-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADR280ART-R2 Datasheet HTML 4Page - Analog Devices ADR280ART-R2 Datasheet HTML 5Page - Analog Devices ADR280ART-R2 Datasheet HTML 6Page - Analog Devices ADR280ART-R2 Datasheet HTML 7Page - Analog Devices ADR280ART-R2 Datasheet HTML 8Page - Analog Devices ADR280ART-R2 Datasheet HTML 9Page - Analog Devices ADR280ART-R2 Datasheet HTML 10Page - Analog Devices ADR280ART-R2 Datasheet HTML 11Page - Analog Devices ADR280ART-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADR280
Rev. C | Page 8 of 12
APPLICATIONS INFORMATION
The ADR280 should be decoupled with a 0.1 μF ceramic
capacitor at the output for optimum stability. It is also good
practice to include 0.1 μF ceramic capacitors at the IC supply
pin. These capacitors should be mounted close to their
respective pins (see Figure 12).
V+
V–
ADR280
VOUT
0.1µF
0.1µF
Figure 12. Basic Configuration
The low supply voltage input pin V− can be elevated above
ground; a 1.2 V differential voltage can therefore be established
above V− (see Figure 13).
V+
V–
ADR280
5V
1.2V + V–
2.5V
VOUT
0.1µF
0.1µF
Figure 13. Floating References
The ADR280 provides the core 1.2 V band gap voltage and is
able to drive a maximum load of only 100 μA. Users can simply
buffer the output for high current or sink/source current applica-
tions, such as ADC or LCD driver references (see Figure 14).
V+
ADR280
U1
U2
VOUT
V–
0.1µF
VOUT
0.1µF
U2 = AD8541, SC70
AD8601, SOT-23-5
Figure 14. Buffered Output
Users can also tailor any specific need for voltage and dynamics
with an external op amp and discrete components (see Figure 14
and Figure 15). Depending on the specific op amp and PCB
layout, it may be necessary to add a compensation capacitor, C2,
to prevent gain peaking and oscillation. The exact value of C2
needed requires some trial and error but usually falls in the
range of a few picofarads.
V+
V–
ADR280
U1
5V
5V
1.2V
U2
1.8V
C2
2.2pF
V+
V–
AD8541
C1
0.1µF
VOUT
+
VO
R2
60kΩ ± 0.1%
R1
120kΩ ± 0.1%
Figure 15. 1.8 V Reference
LOW COST, LOW POWER CURRENT SOURCE
Because of its low power characteristics, the ADR280 can be
converted to a current source with just a setting resistor. In
addition to the ADR280 current capability, the supply voltage
and the load limit the maximum current. The circuit in Figure 16
produces 100 μA with 2 V compliance at a 5 V supply. The load
current is the sum of ISET and IGND. IGND increases slightly with
load; a RSET of 13.6 kΩ yields 100 μA of load current.
V+
V–
ADR280
U1
5V
C1
0.1µF
RL
1kΩ
+
ISET
VOUT
13.6kΩ
RSET
1.2V
IGND
IL =ISET +IGND
IL
100µA
Figure 16. Low Cost Current Source
Precision Low Power Current Source
By adding a buffer to redirect the IGND in Figure 17, a current
can be precisely set by RSET with the equation IL = 1.2 V/RSET.
V+
V–
ADR280
U1
5V
V+
V–
5V
U2
AD8541
+
VOUT
C2
0.1µF
RSET
12kΩ
RL
1kΩ
IL
100µA
IL =1.2V/RSET
Figure 17. Precision Low Power Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com