Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR280ART-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADR280ART-R2
Description  1.2 V Ultralow Power High PSRR Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR280ART-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR280ART-R2 Datasheet HTML 4Page - Analog Devices ADR280ART-R2 Datasheet HTML 5Page - Analog Devices ADR280ART-R2 Datasheet HTML 6Page - Analog Devices ADR280ART-R2 Datasheet HTML 7Page - Analog Devices ADR280ART-R2 Datasheet HTML 8Page - Analog Devices ADR280ART-R2 Datasheet HTML 9Page - Analog Devices ADR280ART-R2 Datasheet HTML 10Page - Analog Devices ADR280ART-R2 Datasheet HTML 11Page - Analog Devices ADR280ART-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADR280
Rev. C | Page 11 of 12
ORDERING GUIDE
Model
Temperature
Range
Package
Description
Package
Option
Branding
Output Voltage (V)
Ordering Quantity
ADR280AKS-R2
−40°C to +85°C
3-Lead SC70
KS-3
RBA
1.200
250
ADR280AKS-REEL
−40°C to +85°C
3-Lead SC70
KS-3
RBA
1.200
10,000
ADR280AKS-REEL7
−40°C to +85°C
3-Lead SC70
KS-3
RBA
1.200
3,000
ADR280AKSZ-R21
−40°C to +85°C
3-Lead SC70
KS-3
L25
1.200
250
ADR280AKSZ-REEL71
−40°C to +85°C
3-Lead SC70
KS-3
L25
1.200
3,000
ADR280ART-R2
−40°C to +85°C
3-Lead SOT-23
RT-3
RBA
1.200
250
ADR280ART-REEL
−40°C to +85°C
3-Lead SOT-23
RT-3
RBA
1.200
10,000
ADR280ART-REEL7
−40°C to +85°C
3-Lead SOT-23
RT-3
RBA
1.200
3,000
ADR280ARTZ-R21
−40°C to +85°C
3-Lead SOT-23
RT-3
L25
1.200
250
ADR280ARTZ-REEL71
−40°C to +85°C
3-Lead SOT-23
RT-3
L25
1.200
3,000
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com