Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B37953 Datasheet(PDF) 13 Page - EPCOS

Part # B37953
Description  Multilayer Ceramic Capacitors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37953 Datasheet(HTML) 13 Page - EPCOS

Back Button B37953 Datasheet HTML 9Page - EPCOS B37953 Datasheet HTML 10Page - EPCOS B37953 Datasheet HTML 11Page - EPCOS B37953 Datasheet HTML 12Page - EPCOS B37953 Datasheet HTML 13Page - EPCOS B37953 Datasheet HTML 14Page - EPCOS B37953 Datasheet HTML 15Page - EPCOS B37953 Datasheet HTML 16Page - EPCOS B37953 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
12
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
Multilayer ceramic capacitors
X7R
Ordering codes and packing for X7R, 50 VDC, nickel barrier terminations
Chip
thickness
Cardboard tape,
Æ 180-mm reel
Cardboard tape,
Æ 330-mm reel
Bulk case
**
60
**
70
**
01
CR
Ordering code1)
mm
pcs/reel
pcs/reel
pcs
Case size 0603, 50 VDC
220. pF
B37931K5221K0**
0.8
±0.1
4000
16000
15000
270. pF2)
B37931K5271K0**
0.8
±0.1
4000
16000
15000
330. pF
B37931K5331K0**
0.8
±0.1
4000
16000
15000
390. pF2)
B37931K5391K0**
0.8
±0.1
4000
16000
15000
470. pF
B37931K5471K0**
0.8
±0.1
4000
16000
15000
560. pF2)
B37931K5561K0**
0.8
±0.1
4000
16000
15000
680. pF
B37931K5681K0**
0.8
±0.1
4000
16000
15000
820. pF2)
B37931K5821K0**
0.8
±0.1
4000
16000
15000
1.0 nF
B37931K5102K0**
0.8
±0.1
4000
16000
15000
1.2 nF2)
B37931K5122K0**
0.8
±0.1
4000
16000
15000
1.5 nF
B37931K5152K0**
0.8
±0.1
4000
16000
15000
1.8 nF2)
B37931K5182K0**
0.8
±0.1
4000
16000
15000
2.2 nF
B37931K5222K0**
0.8
±0.1
4000
16000
15000
2.7 nF2)
B37931K5272K0**
0.8
±0.1
4000
16000
15000
3.3 nF
B37931K5332K0**
0.8
±0.1
4000
16000
15000
3.9 nF2)
B37931K5392K0**
0.8
±0.1
4000
16000
15000
4.7 nF
B37931K5472K0**
0.8
±0.1
4000
16000
15000
5.6 nF2)
B37931K5562K0**
0.8
±0.1
4000
16000
15000
6.8 nF
B37931K5682K0**
0.8
±0.1
4000
16000
15000
8.2 nF2)
B37931K5822K0**
0.8
±0.1
4000
16000
15000
10. nF
B37931K5103K0**
0.8
±0.1
4000
16000
15000
12
nF2)
B37931K5123K0**
0.8
±0.1
4000
16000
15000
15. nF
B37931K5153K0**
0.8
±0.1
4000
16000
15000
18
nF2)
B37931K5183K0**
0.8
±0.1
4000
16000
15000
22. nF
B37931K5223K0**
0.8
±0.1
4000
16000
15000
27
nF2)
B37931K5273K0**
0.8
±0.1
4000
16000
15000
33. nF
B37931K5333K0**
0.8
±0.1
4000
16000
15000
39
nF2)
B37931K5393K0**
0.8
±0.1
4000
16000
15000
47. nF
B37931K5473K0**
0.8
±0.1
4000
16000
15000
1) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 4.
2) Non standard types (E 12) on request.
^
^
^
X7R; 0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com