Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B37953 Datasheet(PDF) 21 Page - EPCOS

Part # B37953
Description  Multilayer Ceramic Capacitors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37953 Datasheet(HTML) 21 Page - EPCOS

Back Button B37953 Datasheet HTML 17Page - EPCOS B37953 Datasheet HTML 18Page - EPCOS B37953 Datasheet HTML 19Page - EPCOS B37953 Datasheet HTML 20Page - EPCOS B37953 Datasheet HTML 21Page - EPCOS B37953 Datasheet HTML 22Page - EPCOS B37953 Datasheet HTML 23Page - EPCOS B37953 Datasheet HTML 24Page - EPCOS B37953 Datasheet HTML 25Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
20
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
Multilayer ceramic capacitors
X7R
Typical characteristics1)
Capacitance change
DC/C25 versus
temperature T for NME
Capacitance change
DC/C25 versus
temperature T for BME
Capacitance change
DC/C0 versus
superimposed DC voltage V for NME
Capacitance change
DC/C0 versus
superimposed DC voltage V for BME
1) For more detailed information on frequency behavior and characteristics see www.epcos.com/mlcc_impedance.
KKE0390-Z
C25
T
∆C
0
20 40 60 80 100
140
%
_
60
_
40
_
20
_
C
˚
50
_
45
_
40
_
35
_
30
_
25
_
20
_
15
_
5
_
0
5
15
10
_
KKE0391-8
T
0
20 40 60 80 100
140
%
_
60
_
40
_
20
_
C
˚
50
_
45
_
40
_
35
_
30
_
25
_
20
_
15
_
5
_
0
5
15
10
_
C25
C
∆
KKE0392-G
C0
V
∆C
%
_
0
70
_
40
80
120
160
V
60
__
50
__
40
__
30
__
20
__
10
__
0
10
200
10 nF/200 V/size 1206
KKE0402-S
V
%
_70
_
0
C0
∆C
5 10 15 20 25 30 35 40 45
V
60
_
50
_
40
_
30
_
20
_
10
_
0
10
50
100 nF/50 V/size 0805
X7R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com