Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA211AI Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA211AI
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211AI Datasheet(HTML) 1 Page - Texas Instruments

  OPA211AI Datasheet HTML 1Page - Texas Instruments OPA211AI Datasheet HTML 2Page - Texas Instruments OPA211AI Datasheet HTML 3Page - Texas Instruments OPA211AI Datasheet HTML 4Page - Texas Instruments OPA211AI Datasheet HTML 5Page - Texas Instruments OPA211AI Datasheet HTML 6Page - Texas Instruments OPA211AI Datasheet HTML 7Page - Texas Instruments OPA211AI Datasheet HTML 8Page - Texas Instruments OPA211AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
OP
A211
OP
A2211
OP
A211
OP
A2211
OP
A211
1
FEATURES
DESCRIPTION
APPLICATIONS
INPUTVOLTAGENOISEDENSITYvsFREQUENCY
0.1
100
1
Frequency(Hz)
100k
10
1
10
100
1k
10k
OPA211
OPA2211
www.ti.com...................................................................................................................................................... SBOS377G – OCTOBER 2006 – REVISED MAY 2009
1.1nV/
√Hz Noise, Low Power, Precision
Operational Amplifier in Small DFN-8 Package
23
• LOW VOLTAGE NOISE: 1.1nV/√Hz at 1kHz
The
OPA211
series
of
precision
operational
amplifiers achieves very low 1.1nV/
√Hz noise density
• INPUT VOLTAGE NOISE:
with a supply current of only 3.6mA. This series also
80nVPP (0.1Hz to 10Hz)
offers rail-to-rail output swing, which maximizes
• THD+N: –136dB (G = 1, f = 1kHz)
dynamic range.
• OFFSET VOLTAGE: 125µV (max)
The extremely low voltage and low current noise,
• OFFSET VOLTAGE DRIFT: 0.35µV/°C (typ)
high speed, and wide output swing of the OPA211
• LOW SUPPLY CURRENT: 3.6mA/Ch (typ)
series make these devices an excellent choice as a
loop filter amplifier in PLL applications.
• UNITY-GAIN STABLE
• GAIN BANDWIDTH PRODUCT:
In
precision
data
acquisition
applications,
the
OPA211 series of op amps provides 700ns settling
80MHz (G = 100)
time to 16-bit accuracy throughout 10V output swings.
45MHz (G = 1)
This ac performance, combined with only 125
µV of
• SLEW RATE: 27V/µs
offset and 0.35
µV/°C of drift over temperature, makes
• 16-BIT SETTLING: 700ns
the OPA211 ideal for driving high-precision 16-bit
analog-to-digital converters (ADCs) or buffering the
• WIDE SUPPLY RANGE:
output of high-resolution digital-to-analog converters
±2.25V to ±18V, +4.5V to +36V
(DACs).
• RAIL-TO-RAIL OUTPUT
The
OPA211
series
is
specified
over
a
wide
• OUTPUT CURRENT: 30mA
dual-power supply range of ±2.25V to ±18V, or for
• DFN-8 (3mm × 3mm), MSOP-8, AND SO-8
single-supply operation from +4.5V to +36V.
The OPA211 is available in the small DFN-8 (3mm ×
3mm), MSOP-8, and SO-8 packages. A dual version,
• PLL LOOP FILTER
the OPA2211, is available in the DFN-8 (3mm ×
• LOW-NOISE, LOW-POWER SIGNAL
3mm) or an SO-8 PowerPAD™ package. This series
PROCESSING
of op amps is specified from TA = –40°C to +125°C.
• 16-BIT ADC DRIVERS
• DAC OUTPUT AMPLIFIERS
• ACTIVE FILTERS
• LOW-NOISE INSTRUMENTATION AMPS
• ULTRASOUND AMPLIFIERS
• PROFESSIONAL AUDIO PREAMPLIFIERS
• LOW-NOISE FREQUENCY SYNTHESIZERS
• INFRARED DETECTOR AMPLIFIERS
• HYDROPHONE AMPLIFIERS
• GEOPHONE AMPLIFIERS
• MEDICAL
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA211AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA211AI TI-OPA211AI Datasheet
634Kb / 17P
1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211AI TI1-OPA211AI Datasheet
1Mb / 37P
1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211AID TI-OPA211AID Datasheet
329Kb / 9P
1.1nV/Noise, Low Power, Precision Operational Amplifier in Tiny DFN-8 Package
OPA211AID TI1-OPA211AID Datasheet
1Mb / 37P
1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211AID TI1-OPA211AID Datasheet
1Mb / 45P
Low Power, Precision Operational Amplifier
More results

Similar Description - OPA211AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA211 TI-OPA211 Datasheet
329Kb / 9P
1.1nV/Noise, Low Power, Precision Operational Amplifier in Tiny DFN-8 Package
OPA211 TI-OPA211_08 Datasheet
634Kb / 17P
1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211-EP TI1-OPA211-EP Datasheet
592Kb / 23P
1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
OPA211-HT TI1-OPA211-HT Datasheet
672Kb / 26P
1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
OPA211AIDRGR TI1-OPA211AIDRGR Datasheet
1Mb / 37P
1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211-EP TI-OPA211-EP_15 Datasheet
1Mb / 26P
1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
OPA2211-HT TI-OPA2211-HT_15 Datasheet
420Kb / 22P
1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
OPA2211-EP TI-OPA2211-EP Datasheet
1Mb / 32P
OPA2211-EP 1.1-nV/?숰z Noise, Low-Power, Precision Operational Amplifier
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
Noise, Low-Power, Precision Operational Amplifier
INA818 TI1-INA818 Datasheet
1Mb / 39P
35-uV Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com