Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA211AI Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA211AI
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211AI Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA211AI Datasheet HTML 6Page - Texas Instruments OPA211AI Datasheet HTML 7Page - Texas Instruments OPA211AI Datasheet HTML 8Page - Texas Instruments OPA211AI Datasheet HTML 9Page - Texas Instruments OPA211AI Datasheet HTML 10Page - Texas Instruments OPA211AI Datasheet HTML 11Page - Texas Instruments OPA211AI Datasheet HTML 12Page - Texas Instruments OPA211AI Datasheet HTML 13Page - Texas Instruments OPA211AI Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Time(0.1 s/div)
m
G= 1
C =10pF
-
L
+18V
-18V
R
F
604W
R
I
604W
C
F
5.6pF
C
L
OPA211
-75
60
-60
Temperature( C)
°
200
20
-50 -25
0
30
40
50
25
75
50
10
0
-10
100 125
-20
-30
-40
-50
150 175
Sourcing
Sinking
Time(0.1 s/div)
m
G=+1
R =600
C =10pF
L
W
L
+18V
-18V
C
L
R
L
OPA211
Time(0.1 s/div)
m
G= 1
C =100pF
-
L
+18V
-18V
R
F
604W
R
I
604W
C
F
5.6pF
C
L
OPA211
Time(0.1 s/div)
m
G=+1
R =600
C =100pF
L
W
L
+18V
-18V
C
L
R
L
OPA211
0
200
60
50
40
30
20
10
0
CapacitiveLoad(pF)
1400
800
400
600
1000
1200
G=+1
G= 1
-
G=10
OPA211
OPA2211
SBOS377G – OCTOBER 2006 – REVISED MAY 2009...................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±18V, and RL = 10kΩ, unless otherwise noted.
SHORT-CIRCUIT CURRENT
SMALL-SIGNAL STEP RESPONSE
vs TEMPERATURE
(100mV)
Figure 25.
Figure 26.
SMALL-SIGNAL STEP RESPONSE
SMALL-SIGNAL STEP RESPONSE
(100mV)
(100mV)
Figure 27.
Figure 28.
SMALL-SIGNAL STEP RESPONSE
SMALL-SIGNAL OVERSHOOT
(100mV)
vs CAPACITIVE LOAD (100mV Output Step)
Figure 29.
Figure 30.
10
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA211 OPA2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com