Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMC-A100-R00J1 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMC-A100-R00J1
Description  PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMC-A100-R00J1 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSMC-A100-R00J1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HSMx-A10x-xxxxx
PLCC-2, Surface Mount LED Indicator
Data Sheet
CAUTION: HSMN,M,K and E-A10x-xxxxx LEDs are Class 2 ESD sensitive. Please observe appropriate precau-
tions during handling and processing. Refer to Avago Application Note AN-1142 for additional details.
Description
This family of SMT LEDs is packaged in the industry
standard PLCC-2 package. These SMT LEDs have high
reliability performance and are designed to work under
a wide range of environmental conditions. This high
reliability feature makes them ideally suited to be used
under harsh interior automotive as well as interior signs
application conditions.
To facilitate easy pick & place assembly, the LEDs
are packed in EIA-compliant tape and reel. Every reel will
be shipped in single intensity and color bin, except red
color, to provide close uniformity.
These LEDs are compatible with IR solder reflow process.
Due to the high reliability feature of these products, they
can also be mounted using through-the-wave soldering
process.
The super wide viewing angle at 120˚ makes these
LEDs ideally suited for panel, push button, or general
backlighting in automotive interior, office equipment,
industrial equipment, and home appliances. The flat
top emitting surface makes it easy for these LEDs
to mate with light pipes. With the built-in reflector
pushing up the intensity of the light output, these LEDs
are also suitable to be used as LED pixels in interior elec-
tronic signs.
Features
• Industry standard PLCC-2 package
• High reliability LED package
• High brightness using AlInGaP and InGaN dice tech-
nologies
• Available in full selection of colors
• Super wide viewing angle at 120˚
• Available in 8 mm carrier tape on 7 inch reel (2000
pieces)
• Compatible with both IR and TTW soldering process
Applications
• Interior automotive
– Instrument panel backlighting
– Central console backlighting
– Cabin backlighting
• Electronic signs and signals
– Interior full color sign
– Variable message sign
• Office automation, home appliances, industrial
equipment
– Front panel backlighting
– Push button backlighting
– Display backlighting


Similar Part No. - HSMC-A100-R00J1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMC-A100-R00J1 HP-HSMC-A100-R00J1 Datasheet
116Kb / 13P
Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-A100-R00J1 AVAGO-HSMC-A100-R00J1 Datasheet
330Kb / 13P
Surface Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMC-A100-R00J1 HP-HSMC-A100-R00J1 Datasheet
152Kb / 14P
Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMC-A100-R00J1 BOARDCOM-HSMC-A100-R00J1 Datasheet
788Kb / 17P
PLCC-2, Surface Mount LED Indicator
HSMC-A100-R00J1 BOARDCOM-HSMC-A100-R00J1 Datasheet
768Kb / 17P
PLCC-2, Surface Mount LED Indicator
More results

Similar Description - HSMC-A100-R00J1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-A10X-XXXXX AVAGO-HSMW-A10X-XXXXX Datasheet
240Kb / 8P
White Surface Mount LED Indicator SMT PLCC-2
HSMC-A100-P70J1 AVAGO-HSMC-A100-P70J1 Datasheet
301Kb / 13P
PLCC-2, Surface Mount LED Indicator
ASMT-UWB1-NX302 AVAGO-ASMT-UWB1-NX302 Datasheet
118Kb / 8P
OneWhite Surface Mount PLCC-2 LED Indicator
logo
List of Unclassifed Man...
PLB111010 ETC2-PLB111010 Datasheet
443Kb / 7P
Industry standard PLCC-2
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-UWB1-ZX302 AVAGO-ASMT-UWB1-ZX302 Datasheet
477Kb / 9P
OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB2-NX302 AVAGO-ASMT-UWB2-NX302 Datasheet
352Kb / 9P
OneWhite Surface Mount PLCC-2 LED Indicator
logo
Broadcom Corporation.
ASMT-UWB1-NX302 BOARDCOM-ASMT-UWB1-NX302 Datasheet
780Kb / 12P
OneWhite Surface-Mount PLCC-2 LED Indicator
HSMS-A100-J00J1 BOARDCOM-HSMS-A100-J00J1 Datasheet
788Kb / 17P
PLCC-2, Surface Mount LED Indicator
HSMX-A10X-XXXXX BOARDCOM-HSMX-A10X-XXXXX Datasheet
768Kb / 17P
PLCC-2, Surface Mount LED Indicator
ASMT-UWB1-NXXXX BOARDCOM-ASMT-UWB1-NXXXX Datasheet
726Kb / 12P
OneWhite Surface-Mount PLCC-2 LED Indicator
June 5, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com