Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMC-A100-R00J1 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMC-A100-R00J1
Description  PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMC-A100-R00J1 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HSMC-A100-R00J1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMC-A100-R00J1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Yellow / Amber
Part Number
Min IV (mcd)
Typ. IV (mcd)
Max. IV (mcd)
Test Current (mA)
Dice Technology
HSMY-A100-J00J1
4.50
12.00
-
20
GaP
HSMY-A100-L00J1
11.20
12.00
-
20
GaP
HSMY-A100-J35J2
4.50
-
9.00
10
GaP
HSMA-A100-Q00J1
71.50
100.00
-
20
AlInGaP
HSMA-A101-S00J1
180.00
220.00
-
20
AlInGaP
HSMU-A100-S00J1
180.00
320.00
-
20
AlInGaP
HSMA-A101-R8WJ1
140.00
-
355.00
20
AlInGaP
HSMU-A100-S4WJ1
180.00
-
450.00
20
AlInGaP
Yellow Green
Part Number
Min IV (mcd)
Typ. IV (mcd)
Max. IV (mcd)
Test Current (mA)
Dice Technology
HSMG-A100-J02J1
4.50
18.00
-
20
GaP
HSMG-A100-K72J2
9.00
-
18.00
10
GaP
HSME-A100-M02J1
18.00
70.00
-
20
AlInGaP
HSME-A100-N82J1
35.50
-
90.00
20
AlInGaP
Emerald Green
Part Number
Min IV (mcd)
Typ. IV (mcd)
Max. IV (mcd)
Test Current (mA)
Dice Technology
HSMG-A100-H01J1
2.80
8.00
-
20
GaP
HSMG-A100-H41J2
2.80
-
7.20
10
GaP
HSME-A100-L01J1
11.20
40.00
-
20
AlInGaP
HSME-A100-M3PJ1
18.00
-
35.50
20
AlInGaP
Green
Part Number
Min IV (mcd)
Typ. IV (mcd)
Max. IV (mcd)
Test Current (mA)
Dice Technology
HSMM-A101-R00J1
112.50
200.00
-
20
InGaN
HSMM-A100-S00J1
180.00
350.00
-
20
InGaN
HSMM-A100-U4PJ1
450.00
-
1125.00
20
InGaN
HSMM-A100-V7PJ1
900.00
-
1800.00
20
InGaN
Blue
Part Number
Min IV (mcd)
Typ. IV (mcd)
Max. IV (mcd)
Test Current (mA)
Dice Technology
HSMN-A101-N00J1
28.50
50.00
-
20
InGaN
HSMN-A100-P00J1
45.00
70.00
-
20
InGaN
HSMN-A100-R4YJ1
112.50
-
285.00
20
InGaN
Notes:
1. The luminous intensity IV, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern may not
be aligned with this axis.
2. IV Tolerance = ±12%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com