Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6545 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6545
Description  18 to 45 GHz Sub - Harmonic Mixer LO Frequency: 9-24GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6545 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6545 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6545 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6545 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6545 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image

Absolute Maximum Ratings[1]
Symbol
Parameter/Condition
Units
Minimum
Maximum
Pin RF
CW Input Power to RF Port
dBm
25
Tb
Operating Backside Temp.
°C
-55
Tstg
Storage Temp.
°C
-65
Tmax
Maximum Assembly Temp (60 sec max)
°C
260
Note:
1. Operation in excess of any one of these conditions may result in permanent damage to this device.
DC Specifications/Physical Properties[2]
1. Operation in excess of any of these conditions may result in permanent damage to this device. The absolute
maximum ratings for Pin were determined at an ambient temperature of 25°C unless noted otherwise.
2. Ambient operational temperature TA=25°C unless noted.
3. Channel-to-backside Thermal Resistance (Tchannel = 34°C) as measured using infrared microscopy. Thermal
Resistance at backside temp. (Tb) = 25°C calculated from measured data.
AMMC-6545 Operating Conditions
Symbol
Parameters and Test Conditions
Units
Minimum
Typical
Maximum
RFfreq
RF Frequency
GHz
18
48
LOfreq
LO Frequency
GHz
9
24
IFfreq
IF Frequency
GHz
DC
3
LO
LO Drive Power
dBm
+12
+15
+22
AMMC-6545 RF Specifications
TA= 25°C, Zo=50Ω, LO=+15 dBm, IF=2GHz.
Symbol
Parameters
Frequency (GHz)
Units
Minimum
Typical
Maximum
CL
Conversion Loss[2]
RF=21GHz, LO=11.5GHz
dB
10
12
RF=23GHz, LO=12.5GHz
RF=26GHz, LO=14GHz
IIP3
Input Third Order
RF=21GHz, LO=11.5GHz
dBm
11
13.5
Intercept[2]
RF=23GHz, LO=12.5GHz
dBm
9.5
10.3
RF=26GHz, LO=14GHz
dBm
8.5
10.9
2LO-R
2LO-R Leakage
RF=21GHz, LO=10.5GHz
dBm
RF=23GHz, LO=11.5GHz
dBm
-45
-35
RF=26GHz, LO=13GHz
dBm
2LO-I
2LO-I Leakage
RF=21GHz, LO=10.5GHz
dBm
RF=23GHz, LO=11.5GHz
dBm
-50
RF=26GHz, LO=13GHz
dBm
L-R
Isolation
dB
40
L-I
Isolation
dB
36
Notes:
1. Production RF tested at 21, 23 and 26GHz in up-converter configuration.
2. All tested parameters are guaranteed with ±0.5dB for CL and ±1.5dBm for IIP3 and 2LO-R leakage.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com