Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6545 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMMC-6545 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMMC-6545
Download  AMMC-6545 Download
File Size   385.52 Kbytes
Page   4 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 18 to 45 GHz Sub - Harmonic Mixer LO Frequency: 9-24GHz

AMMC-6545 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-6545 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6545
Download  AMMC-6545 Click to download

File Size   385.52 Kbytes
Page   4 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 18 to 45 GHz Sub - Harmonic Mixer LO Frequency: 9-24GHz

AMMC-6545 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


AMMC-6545 Product details

Description
Avago’s AMMC-6545 is an easy-to-use broadband sub-harmonic mixer, with the LO injected at half the frequency of that required by a conventional mixer. MMIC includes an 180° balanced diode based mixer. The MMIC is fabricated using PHEMT technology. The sub-harmonic mixer is designed to be an easy-to-use component for any chip and wire application. Intended applications include microwave radios, 802.16, VSAT and satellite receivers. Since this one mixer can cover several bands, the AMMC-6545 can reduce part inventory. For improved reliability and moisture protection, the die is passivated at the active areas.
   
Features
• RF Frequency: 18-45GHz
• LO Frequency: 9-24GHz
• IF Frequency: DC-3GHz
• Suitable for Up and Down Conversion
• Diode Mixer
   
Applications
• Microwave Radio systems
• Satellite VSAT, DBS Up/Down Link
• LMDS & Pt-Pt mmW Long Haul
• Broadband Wireless Access (including 802.16 and
    802.20 WiMax)
• WLL and MMDS loops
   




Similar Part No. - AMMC-6545

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6545 BOARDCOM-AMMC-6545 Datasheet
385Kb / 4P
18 to 45GHz Sub-Harminic Mixer
AMMC-6545-W10 BOARDCOM-AMMC-6545-W10 Datasheet
385Kb / 4P
18 to 45GHz Sub-Harminic Mixer
AMMC-6545-W50 BOARDCOM-AMMC-6545-W50 Datasheet
385Kb / 4P
18 to 45GHz Sub-Harminic Mixer
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6545 AVAGO-AMMC-6545_15 Datasheet
385Kb / 4P
Sub-Harmonic Mixer
More results


Similar Description - AMMC-6545

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6545 AVAGO-AMMP-6545 Datasheet
309Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer in SMT Package
AMMC-6545 AVAGO-AMMC-6545_15 Datasheet
385Kb / 4P
Sub-Harmonic Mixer
AMMP-6545 AVAGO-AMMP-6545_15 Datasheet
309Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer
AMMP-6546 AVAGO-AMMP-6546 Datasheet
170Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer
logo
Broadcom Corporation.
AMMP-6545 BOARDCOM-AMMP-6545 Datasheet
309Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer in SMT Package
AMMP-6546 BOARDCOM-AMMP-6546 Datasheet
170Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer In SMT Package
logo
Qorvo, Inc
CMD310C3 QORVO-CMD310C3 Datasheet
398Kb / 11P
20-32 GHz Sub-harmonic x2 Mixer
CMD310 QORVO-CMD310 Datasheet
226Kb / 11P
20-32 GHz Sub-harmonic x2 Mixer
CMD303C3 QORVO-CMD303C3 Datasheet
157Kb / 11P
13-21 GHz Sub-harmonic x2 Mixer
CMD303 QORVO-CMD303 Datasheet
211Kb / 11P
13-21 GHz Sub-harmonic x2 Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com