Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8H-1C4T-R-DC12 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G8H-1C4T-R-DC12
Description  Micro ISO Automotive Relay G8H
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8H-1C4T-R-DC12 Datasheet(HTML) 2 Page - Omron Electronics LLC

  G8H-1C4T-R-DC12 Datasheet HTML 1Page - Omron Electronics LLC G8H-1C4T-R-DC12 Datasheet HTML 2Page - Omron Electronics LLC G8H-1C4T-R-DC12 Datasheet HTML 3Page - Omron Electronics LLC G8H-1C4T-R-DC12 Datasheet HTML 4Page - Omron Electronics LLC G8H-1C4T-R-DC12 Datasheet HTML 5Page - Omron Electronics LLC G8H-1C4T-R-DC12 Datasheet HTML 6Page - Omron Electronics LLC G8H-1C4T-R-DC12 Datasheet HTML 7Page - Omron Electronics LLC G8H-1C4T-R-DC12 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Micro ISO Automotive Relay
G8H
Specifications
■ Coil Ratings (at 20° C)
■ Contact Data
■ Characteristics
Note: Typical data includes coil suppression. Release times may decrease without coil suppression.
Model
Rated
voltage
Coil
resistance
±10%
Coil resistance
w/680
Ω suppression
±10%
Nominal
power
consumption
Pull in
voltage
Dropout
voltage
G8H-1A4T-R
12 VDC
100
Ω
80
Ω
1440 mW
< 8.0 V
> 0.7 V
G8H-1A7T-GR
80
Ω
< 7.0 V
G8H-1C4T-R
80
Ω
< 7.0 V
G8H-1C7T-RB
80
Ω
< 8.0 V
Item
Description
Max. switching current
Inrush 60 A (NO), 30 A (NC), steady 20 A (NO), 10 A (NC)
Max. switching voltage
16 V
Min. carry / switching current
1 A
Contact material
Silver tin oxide (Cadmium free)
Max. initial contact voltage drop
150 mV @ 20 A (NO), 175 mV @ 10 A (NC)
Operate time
20 ms max. @ 12 VDC
Release time
10 ms max.(see note)
Bounce time
Operate
5 ms max.
Release
10 ms max.
Switching frequency
Mechanical
18,000 operations per hour
Insulation resistance
20 M
Ω min (at 500 VDC)
Dielectric strength
1.0 mA max. leakage at 500 VAC, 50 - 60 Hz for 1 minute between
coil and contacts and between contacts
Vibration
Mechanical durability
20 - 500 Hz, 43.1 m/s2
Malfunction durability
20 - 500 Hz, 43.1 m/s2
Shock
Mechanical durability
1000 m/s2
Malfunction durability
100 m/s2
Ambient operating temperature
-40
° C to 125° C
Humidity
45% to 85% RH
Service life
Mechanical
10,000,000 operations min. (load dependent)
Electrical
100,000 operations min. (load dependent)
Weight
20.0g (approx.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com