Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8H-1C4T-R-DC12 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G8H-1C4T-R-DC12
Description  Micro ISO Automotive Relay G8H
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8H-1C4T-R-DC12 Datasheet(HTML) 3 Page - Omron Electronics LLC

  G8H-1C4T-R-DC12 Datasheet HTML 1Page - Omron Electronics LLC G8H-1C4T-R-DC12 Datasheet HTML 2Page - Omron Electronics LLC G8H-1C4T-R-DC12 Datasheet HTML 3Page - Omron Electronics LLC G8H-1C4T-R-DC12 Datasheet HTML 4Page - Omron Electronics LLC G8H-1C4T-R-DC12 Datasheet HTML 5Page - Omron Electronics LLC G8H-1C4T-R-DC12 Datasheet HTML 6Page - Omron Electronics LLC G8H-1C4T-R-DC12 Datasheet HTML 7Page - Omron Electronics LLC G8H-1C4T-R-DC12 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Micro ISO Automotive Relay
G8H
3
■ Characteristic Data
Durability
Overcurrent Test
Normalized Coil Resistance vs. Temperature (20
° C reference)
Example: Resistance of 100
Ω coil
= 75% of 100
Ω at -40° C, or 75 Ω
= 100% of 100
Ω at 20° C, or 100 Ω
= 125% of 100
Ω at 85° C, 125 Ω
Load Limit Curve
Operating Voltage Range (100
Ω coil)
Model
Load type
Current
Cycles tested
G8H-1C7T-R
Resistive load
20 A (NO), 10 A (NC)
100,000
Starter motor
45 A stall, 15 A continuous
30,000
Model
Current
Duration
G8H-1C7T-R
40 A (NO), 20 A (NC)
3 cycles (1 cycle is 5 min ON, 10 min.
OFF)
70%
80%
90%
100%
110%
120%
130%
140%
150%
0
10
20
30
40
50
60
70
80
90
100 110 120
-40
-30
-20 -10
10
0
2
4
6
8
10
12
14
16
18
20
0
20
30
40
50
60
70
Switching Current (A)
0
2
4
6
8
10
12
14
16
18
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature (˚C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com