Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP2AD Datasheet(PDF) 13 Page - Murata Manufacturing Co., Ltd.

Part # DLP2AD
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLP2AD Datasheet(HTML) 13 Page - Murata Manufacturing Co., Ltd.

Back Button DLP2AD Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DLP2AD Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DLP2AD Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DLP2AD Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DLP2AD Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DLP2AD Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. DLP2AD Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. DLP2AD Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. DLP2AD Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
160
03025 size, very small chip common mode choke coil, Cut-off frequency 3GHz max.
DLP0NSSeries (03025 Size)
DLP Series
Signal Lines Type Chip Common Mode Choke Coil
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Refer to pages from p.176 to p.179 for mounting information.
DLP0NS
DLP0NSN 670/900/121 HL2
DLP0NSA150HL2/DLP0NSC280HL2
s Differential Mode Transmission Characteristics (Typ.)
DLP0NSN900HL2
DLP0NSA150HL2
Code
Packaging
Minimum
Quantity
L
180mm Reel Embossed Tape
5000
B
Bulk(Bag)
500
HD: for high speed differential signal lines
UD: for ultra high speed differential signal lines
Part Number
Common Mode Impedance
(at 100MHz/20
°C)
Rated Current
Rated Voltage
Insulation
Resistance
(min.)
Withstand Voltage
DC Resistance
DLP0NSN670HL2p
67ohm
±20%
110mA
5Vdc
100M ohm
12.5Vdc
2.4ohm
±25%
DLP0NSN900HL2p
90ohm
±20%
100mA
5Vdc
100M ohm
12.5Vdc
3.0ohm
±25%
DLP0NSN121HL2p
DLP0NSA150HL2p
120ohm
±20%
90mA
5Vdc
100M ohm
12.5Vdc
3.8ohm
±25%
DLP0NSC280HL2p
28ohm
±20%
100mA
5Vdc
100M ohm
12.5Vdc
1.3ohm
±25%
15ohm
±5ohm
100mA
5Vdc
100M ohm
12.5Vdc
0.95ohm
±25%
Operating Temperature Range: -40
°C to +85°C Number of Circuit: 1
0.27
±0.1
0.65
±0.05
(2)
(3)
(1)
(4)
0.20
+0.05
–0.10
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
10000
1
10
100
1000
10000
Differential Mode
Common Mode
DLP0NSN121HL2
DLP0NSN900HL2
DLP0NSN670HL2
DLP0NSN121HL2
DLP0NSN900HL2
DLP0NSN670HL2
Frequency (MHz)
1
10
100
1000
10000
1
10
100
1000
10000
Differential Mode
Common Mode
DLP0NSC280HL2
DLP0NSA150HL2
DLP0NSC280HL2
DLP0NSA150HL2
Frequency (MHz)
0
2
4
6
8
10
1
10
100
1000
10000
DLP0NSN900HL2
Frequency (MHz)
0
2
4
6
8
10
1
10
100
1000
10000
DLP0NSA150HL2
(1)
(4)
(2)
(3)
No polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com