Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP2AD Datasheet(PDF) 21 Page - Murata Manufacturing Co., Ltd.

Part # DLP2AD
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLP2AD Datasheet(HTML) 21 Page - Murata Manufacturing Co., Ltd.

Back Button DLP2AD Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. DLP2AD Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. DLP2AD Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. DLP2AD Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. DLP2AD Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. DLP2AD Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. DLP2AD Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. DLP2AD Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. DLP2AD Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
168
2 circuit built-in, 1206 size, meet IEEE1394,USB,LVDS.
DLP31DSeries (1206 Size)
DLP Series
Signal Lines Type Chip Common Mode Choke Coil
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Refer to pages from p.176 to p.179 for mounting information.
DLP31D
Code
Packaging
Minimum
Quantity
L
180mm Reel Embossed Tape
3000
B
Bulk(Bag)
500
Operating Temperature Range: -40
°C to +85°C Number of Circuit: 2
HD: for high speed differential signal lines
UD: for ultra high speed differential signal lines
Part Number
Common Mode Impedance
(at 100MHz/20
°C)
Rated Current Rated Voltage
Insulation
Resistance
(min.)
Withstand Voltage DC Resistance
DLP31DN900ML4p
90ohm
±20%
160mA
10Vdc
100M ohm
25Vdc
1.1ohm max.
DLP31DN131ML4p
130ohm
±20%
120mA
10Vdc
100M ohm
25Vdc
1.1ohm max.
DLP31DN201ML4p
200ohm
±20%
100mA
10Vdc
100M ohm
25Vdc
2.2ohm max.
DLP31DN321ML4p
320ohm
±20%
80mA
10Vdc
100M ohm
25Vdc
3.5ohm max.
DLP31DN441ML4p
440ohm
±20%
70mA
10Vdc
100M ohm
25Vdc
4.3ohm max.
0.4
±0.2
3.2
±0.15
0.8
±0.1
(5)
(6)
(7)
(8)
(1)
(2)
(3)
(4)
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
10000
1
10
100
1000
Common mode
Differential mode
DLP31DN201ML4
DLP31DN131ML4
DLP31DN900ML4
DLP31DN441ML4
DLP31DN441ML4
DLP31DN321ML4
DLP31DN201ML4
DLP31DN131ML4
DLP31DN900ML4
DLP31DN321ML4
(1)
(5)
(6)
(7)
(8)
(2)
(3)
(4)
No polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com