Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

250R120-R2U Datasheet(PDF) 4 Page - Littelfuse

Part # 250R120-R2U
Description  POLY-FUSE짰 Resettable PTCs Radial Leaded > 250R Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

250R120-R2U Datasheet(HTML) 4 Page - Littelfuse

  250R120-R2U Datasheet HTML 1Page - Littelfuse 250R120-R2U Datasheet HTML 2Page - Littelfuse 250R120-R2U Datasheet HTML 3Page - Littelfuse 250R120-R2U Datasheet HTML 4Page - Littelfuse 250R120-R2U Datasheet HTML 5Page - Littelfuse 250R120-R2U Datasheet HTML 6Page - Littelfuse 250R120-R2U Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
100
Revised: August 31, 2011
POLY-FUSE® Resettable PTCs
© 2011 Littelfuse, Inc.
250R Series
Radial Leaded > 250R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/250R.html for current information.
Environmental Specifications
Operating/Storage
Temperature
Maximum Device Surface
Temperature in Tripped State
Passive Aging
Humidity Aging
Thermal Shock
Solvent Resistance
Moisture Sesitivity Level
Physical Specifications
Lead Material
Tin-plated Copper
Soldering
Characteristics
Method 208E
Insulating Material
Device Labeling
and date code.
Soldering Parameters - Wave Soldering
Condition
PeakTemp/ DurationTime
< 5 Sec
> 220°C
2 Sec ~ 20 Sec
Preheat 140°C ~ 180°C
180 Sec ~ 210 Sec
Storage Condition
<
N
2 environment for lead-free.
side of the board.
and solvents.
Note:
profile, devices may not meet the performance
requirements.
Preheating
160
190
220
260
0
2 to 5
Soldering
Cooling
20-30
180 to 210
Time(s)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com