Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

250R120-R2U Datasheet(PDF) 1 Page - Littelfuse

Part # 250R120-R2U
Description  POLY-FUSE짰 Resettable PTCs Radial Leaded > 250R Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

250R120-R2U Datasheet(HTML) 1 Page - Littelfuse

  250R120-R2U Datasheet HTML 1Page - Littelfuse 250R120-R2U Datasheet HTML 2Page - Littelfuse 250R120-R2U Datasheet HTML 3Page - Littelfuse 250R120-R2U Datasheet HTML 4Page - Littelfuse 250R120-R2U Datasheet HTML 5Page - Littelfuse 250R120-R2U Datasheet HTML 6Page - Littelfuse 250R120-R2U Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
97
Revised: August 31, 2011
POLY-FUSE® Resettable PTCs
© 2011 Littelfuse, Inc
250R Series
Radial Leaded > 250R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/250R.html for current information.
The 250R Series is designed to protect against short
duration high voltage fault currents (power cross or power
induction surge) typically found in telecom applications
(250Vrms). The series can be used to help telecom
networking equipment meet the protection requirements
specified in ITU K.20 and K.21.
Electrical Characteristics
Part Number
I
hold
(A)
I
trip
(A)
V
max
V
int / Vop
I
max
(A)
P
d
typ.
(W)
MaximumTime
ToTrip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(Ω)
R
typ
(Ω)
R
1max
(Ω)
250R080
0.08
0.16
250/60
3
1
0.35
3
14
22
33
XX
250R080T
0.08
0.16
250/60
3
1
0.35
3
15
22
33
XX
250R120
0.12
0.24
250/60
3
1
1
1.5
4
8
16
XX
250R120-RA
0.12
0.24
250/60
3
1
1
1.0
7
9
16
XX
250R120-RC
0.12
0.24
250/60
3
1
1
0.85
5.4
7.5
14
XX
250R120-RF
0.12
0.24
250/60
3
1
1
0.7
6
10.5
16
XX
250R120-R1
0.12
0.24
250/60
3
1
1
0.8
6
9
16
XX
250R120-R2
0.12
0.24
250/60
3
1
1
0.7
8
10.5
16
XX
250R120-R3
0.12
0.24
250/60
3
1
1
1
8
10
16
XX
250R120T
0.12
0.24
250/60
3
1
1
1.2
7
12
16
XX
250R145
0.145
0.29
250/60
3
1
1
2.5
3
6
14
XX
250R145-RA
0.145
0.29
250/60
3
1
1
5
3
5.5
12
XX
250R145-RB
0.145
0.29
250/60
3
1
1
2.5
4.5
6
14
XX
250R145T
0.145
0.29
250/60
3
1
1
2.0
5.4
7.5
14
XX
250R180
0.18
0.65
250/60
10
1.8
1
21
0.8
2.2
4
XX
250R180T
0.18
0.65
250/60
10
1.8
1
20
1.4
3.9
4.5
XX
Items with T at end of part number = pre-tripped device. See Part Ordering Number System section of this data sheet for additional information.
Description
Features
Applications
range, 60VDC operating
voltage
resistance ranges available
Equipment (CPE)
telecom centers
250R Series
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50120008
I
hold
I
trip
V
int
V
op= The device regular operation voltage
I
)
P
d
R
min = Minimum resistance of device in initial (un-soldered) state.
R
typ = Typical resistance of device in initial (un-soldered) state.
R
Caution: Operation beyond the specified rating may result in damage and possible arcing
and flame.


Similar Part No. - 250R120-R2U

ManufacturerPart #DatasheetDescription
logo
Littelfuse
250R120-R2 LITTELFUSE-250R120-R2 Datasheet
378Kb / 6P
POLYFUSE Resettable PTCs Radial Leaded
250R120-R2 LITTELFUSE-250R120-R2 Datasheet
619Kb / 7P
Fast time - to - trip Access equipment Lan/Wan equipment
250R120-R2 LITTELFUSE-250R120-R2 Datasheet
267Kb / 7P
POLYFUSE짰 Resettable PTCs
250R120-R2 LITTELFUSE-250R120-R2 Datasheet
619Kb / 7P
POLY-FUSE Resettable PTCs
250R120-R2 LITTELFUSE-250R120-R2 Datasheet
729Kb / 7P
The 250R Series is designed to protect against short duration high voltage fault currents
More results

Similar Description - 250R120-R2U

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L014DR LITTELFUSE-1812L014DR Datasheet
820Kb / 6P
POLY-FUSE짰 Resettable PTCs
1206L075WR LITTELFUSE-1206L075WR Datasheet
811Kb / 6P
POLY-FUSE짰 Resettable PTCs
1210L010WR LITTELFUSE-1210L010WR Datasheet
802Kb / 6P
POLY-FUSE짰 Resettable PTCs
2920L100PR LITTELFUSE-2920L100PR Datasheet
816Kb / 6P
POLY-FUSE짰 Resettable PTCs
250R120-R1ZR LITTELFUSE-250R120-R1ZR Datasheet
619Kb / 7P
POLY-FUSE짰 Resettable PTCs
1206L025YR LITTELFUSE-1206L025YR Datasheet
811Kb / 6P
POLY-FUSE짰 Resettable PTCs
1206L05015YR LITTELFUSE-1206L05015YR Datasheet
811Kb / 6P
POLY-FUSE짰 Resettable PTCs
1812L160 LITTELFUSE-1812L160 Datasheet
1Mb / 6P
POLY-FUSE짰 Resettable PTCs
1812L020PR LITTELFUSE-1812L020PR Datasheet
820Kb / 6P
POLY-FUSE짰 Resettable PTCs
0603L004YR LITTELFUSE-0603L004YR_16 Datasheet
883Kb / 5P
POLY-FUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com