Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH1026R0PN Datasheet(PDF) 18 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH1026R0PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH1026R0PN Datasheet(HTML) 18 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH1026R0PN Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
165
2 circuits in 05025 size, adapt to HDMI line.
DLP1NDSeries (0502 Size)
DLP Series
Signal Lines Type Chip Common Mode Choke Coil
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics
s Differential Mode Transmission Characteristics
s Rated Value (p: packaging code)
Refer to pages from p.176 to p.179 for mounting information.
DLP1ND
Operating Temperature Range: -40
°C to +85°C Number of Circuit: 2
HD: for high speed differential signal lines
UD: for ultra high speed differential signal lines
Code
Packaging
Minimum
Quantity
L
180mm Reel Embossed Tape
5000
B
Bulk(Bag)
500
Part Number
Common Mode Impedance
(at 100MHz/20
°C)
Rated Current Rated Voltage
Insulation
Resistance
(min.)
Withstand Voltage DC Resistance
DLP1NDN350HL4p
35ohm
±20%
100mA
5Vdc
100M ohm
12.5Vdc
1.8ohm
±25%
DLP1NDN670HL4p
67ohm
±20%
80mA
5Vdc
100M ohm
12.5Vdc
2.9ohm
±25%
DLP1NDN900HL4p
90ohm
±20%
60mA
5Vdc
100M ohm
12.5Vdc
3.7ohm
±25%
0.2
±0.1
0.4
±0.1
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
1.5
±0.1
(in mm)
: Electrode
1
10
100
1000
10000
1
10
100
1000
10000
Frequency (MHz)
Differential mode
Common mode
DLP1NDN670HL4
DLP1NDN900HL4
DLP1NDN350HL4
DLP1NDN350HL4
DLP1NDN670HL4
DLP1NDN900HL4
-10
-8
-6
-4
-2
0
10
100
1000
10000
Frequency (MHz)
DLP1NDN900HL4
(1)
(5)
(6)
(7)
(8)
(2)
(3)
(4)
No polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com