Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH1026R0PN Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH1026R0PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH1026R0PN Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  PLT10HH1026R0PN Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
150
DLp
Series Introduction
Common Mode Current
Differential Mode Current
Magnetic flux by common mode current is
added each other and works as an inductor
DLP11SA
DLW21SN_HQ2
DLP0NS
DLP11SN
DLP2AD
DLW21SN_SQ2
DLW31S
DLW21H
DLP31S
DLP31D
DLW5AH
DLW5BS
DLW5BT
DLM11G
DLM2HG
High cut-off frequency
High Coupling
(For high speed
differential signal lines)
Ultra high cut-off
frequency
for high speed
differential signal lines
High cut-off frequency
for high speed
differential signal lines
for general differential
signal lines
Film type
Film type
Film type
Wound type
Wound type
Wound type
Multilayer
type
Large current
High coupling
(For power lines)
Relative high differential
mode impedance
Low coupling
(For audio lines)
· Low profile, small size, suitable for mobile
equipments.
· Tight terminal pitch enables high density layout.
· Ultra high cut-off frequency and its matching to line
impedance enables good transmission of high
speed signal.
· Ultra high self resonance frequency enables high
cut-off frequency.
· Its matching to line impedance enables good
transmission of high speed signal.
· Low profile, small size, suitable for mobile
equipments.
· Tight terminal pitch enables high density layout.
· High cut-off frequency enables good transmission
of high speed signal.
· Ultra high self resonance frequency enables high
cut-off frequency.
· DLW21H is designed as low profile.
· Low profile,small size, suitable for mobile
equipments.
· Tight terminal pitch enables high density layout.
· Large current (6A max.), suitable for input
connector from an AC adaptor.
· DLW5BT is designed as low profile.
· Modified its differential mode impedance higher
than other common mode choke coils, this feature
makes possible to suppress both common mode
and differential mode noise.
· DLM11GN601SD2 is ideal to keep low distortion
audio signal.
· DLM2HG can meet stereo 3 lines which contain a
ground line.
Category
Features,
Classification
Structure
Part Number
Comments
PLT10HH
Winding type
Cased structure
Large current
Automotive Available
(For power lines)
· Large current, high reliability, suitable for mortors in
automobile.
Magnetic flux by differential mode current is
canceled each other and do not works as an
inductor
Available up to 10A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com