Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP621ACEZ-RL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMP621ACEZ-RL7
Description  Wide Dynamic Range Microphone with PDM Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP621ACEZ-RL7 Datasheet(HTML) 1 Page - Analog Devices

  ADMP621ACEZ-RL7 Datasheet HTML 1Page - Analog Devices ADMP621ACEZ-RL7 Datasheet HTML 2Page - Analog Devices ADMP621ACEZ-RL7 Datasheet HTML 3Page - Analog Devices ADMP621ACEZ-RL7 Datasheet HTML 4Page - Analog Devices ADMP621ACEZ-RL7 Datasheet HTML 5Page - Analog Devices ADMP621ACEZ-RL7 Datasheet HTML 6Page - Analog Devices ADMP621ACEZ-RL7 Datasheet HTML 7Page - Analog Devices ADMP621ACEZ-RL7 Datasheet HTML 8Page - Analog Devices ADMP621ACEZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Wide Dynamic Range Microphone with
PDM Digital Output
Data Sheet
ADMP621
FEATURES
133 dB SPL acoustic overload point
Small and thin 4 mm × 3 mm × 1 mm surface-mount package
Omnidirectional response
Very high signal-to-noise ratio (SNR): 65 dBA
Sensitivity of −46 dBFS
Extended frequency response from 45 Hz to >20 kHz
Low current consumption: 1.2 mA
Sleep mode for extended battery life: 5.5 µA consumption
High power supply rejection (PSR): −100 dBFS
Fourth-order Σ-Δ modulator
Digital pulse density modulation (PDM) output
Compatible with Sn/Pb and Pb-free solder processes
RoHS/WEEE compliant
APPLICATIONS
Smartphones and feature phones
Tablet computers
Teleconferencing systems
Digital still and video cameras
Bluetooth headsets
Notebook PCs
Security and surveillance
FUNCTIONAL BLOCK DIAGRAM
ADMP621
ADC
POWER
MANAGEMENT
CLK
DATA
PDM
MODULATOR
CHANNEL
SELECT
Figure 1.
BOTTOM
TOP
Figure 2. Isometric Views of ADMP621 Microphone Package
GENERAL DESCRIPTION
The ADMP6211 is a high sound pressure level (SPL), ultralow
noise, low power, digital output, bottom ported omnidirectional
MEMS microphone. This microphone clips at 133 dB SPL, which
is useful for clearly capturing audio in loud environments. The
ADMP621 consists of a MEMS microphone element and an
impedance converter amplifier followed by a fourth-order Σ-Δ
modulator. The digital interface allows the pulse density
modulated (PDM) output of two microphones to be time
multiplexed on a single data line using a single clock. The
ADMP621 is pin compatible with the ADMP421 and ADMP521
microphones, providing an easy upgrade path.
The ADMP621 has a high SNR of 65 dBA and sensitivity of
−46 dBFS. The ADMP621 has an extended wideband frequency
response, resulting in natural sound with high intelligibility.
Low current consumption and a sleep mode with less than
5.5 µA of current consumption enables long battery life for
portable applications.
The ADMP621 is available in a thin 4 mm × 3 mm × 1 mm
surface-mount package. It is reflow solder compatible with
no sensitivity degradation.
1
Protected by U.S. Patents 7,449,356; 7,825,484; 7,885,423; and 7,961,897. Other patents are pending.
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADMP621ACEZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP401-1 AD-ADMP401-1 Datasheet
341Kb / 8P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrB
ADMP401-1ACEZ-RL AD-ADMP401-1ACEZ-RL Datasheet
341Kb / 8P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrB
ADMP401-1ACEZ-RL7 AD-ADMP401-1ACEZ-RL7 Datasheet
341Kb / 8P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrB
ADMP401ACEZ AD-ADMP401ACEZ Datasheet
462Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
ADMP401ACEZ-RL AD-ADMP401ACEZ-RL Datasheet
462Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
More results

Similar Description - ADMP621ACEZ-RL7

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
WDR Wide Dynamic Range
logo
TDK Electronics
AN-000048 TDK-AN-000048 Datasheet
145Kb / 3P
PDM Digital Output MEMS Microphone Flex Evaluation Board
ICS-40618 TDK-ICS-40618 Datasheet
258Kb / 16P
High Dynamic Range Microphone with Differential Output and Low Power
ICS-40619 TDK-ICS-40619 Datasheet
260Kb / 17P
High Dynamic Range Microphone with Differential Output and Low Power
ICS-41351 TDK-ICS-41351 Datasheet
499Kb / 23P
Top Port PDM Digital Output Multi-Mode Microphone
ICS-41352 TDK-ICS-41352 Datasheet
531Kb / 22P
Bottom Port PDM Digital Output Multi-Mode Microphone
ICS-51360 TDK-ICS-51360 Datasheet
484Kb / 22P
Bottom Port PDM Digital Output Multi-Mode Microphone
INMP421 TDK-INMP421 Datasheet
504Kb / 21P
Omnidirectional Microphone with Bottom Port and PDM Digital Output
INMP521 TDK-INMP521 Datasheet
466Kb / 20P
Ultra-Low Noise Microphone with Bottom Port and PDM Digital Output
INMP621 TDK-INMP621 Datasheet
487Kb / 20P
Wide Dynamic Range Microphone with PDM Digital Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com