Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP621ACEZ-RL7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADMP621ACEZ-RL7
Description  Wide Dynamic Range Microphone with PDM Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP621ACEZ-RL7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADMP621ACEZ-RL7 Datasheet HTML 8Page - Analog Devices ADMP621ACEZ-RL7 Datasheet HTML 9Page - Analog Devices ADMP621ACEZ-RL7 Datasheet HTML 10Page - Analog Devices ADMP621ACEZ-RL7 Datasheet HTML 11Page - Analog Devices ADMP621ACEZ-RL7 Datasheet HTML 12Page - Analog Devices ADMP621ACEZ-RL7 Datasheet HTML 13Page - Analog Devices ADMP621ACEZ-RL7 Datasheet HTML 14Page - Analog Devices ADMP621ACEZ-RL7 Datasheet HTML 15Page - Analog Devices ADMP621ACEZ-RL7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADMP621
Data Sheet
PCB DESIGN AND LAYOUT
The recommended PCB land pattern for the ADMP621 must
be laid out to a 1:1 ratio to the solder pads on the microphone
package, as shown in Figure 19. Avoid applying solder paste to the
sound hole in the PCB. A suggested solder paste stencil pattern
layout is shown in Figure 20.
The response of the ADMP621 is not affected by the PCB hole
size as long as the hole is not smaller than the sound port of the
microphone (0.25 mm, or 0.010 inch, in diameter). A 0.5 mm
to 1 mm (0.020 inch to 0.040 inch) diameter for the hole is
recommended. Take care to align the hole in the microphone
package with the hole in the PCB. The exact degree of the
alignment does not affect the microphone performance as long
as the holes are not partially or completely blocked.
0.40 × 0.60 (4×)
(0.30)
0.90
(0.30)
ø1.70
3.80
(0.30)
0.35
2.80
2× R0.10
(0.30)
0.35
2.05
0.70
ø1.10
(1.000)
(0.550)
CENTER LINE
Figure 19. Recommended PCB Land Pattern Layout
1.45
0.9
2.45
0.7
1.525
1.000
0.35
1.849
1.849
1.498
0.205 WIDE
0.248 × 0.498 (2×)
0.248 × 1.148 (2×)
0.248 × 0.948 (2×)
1.498 × 0.248
0.398 × 0.298 (4×)
0.362 CUT (3×)
1.17
24°
24°
0.375
CENTER
LINE
Figure 20. Suggested Solder Paste Stencil Pattern Layout
Rev. 0 | Page 12 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com