Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP95N3LLH6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP95N3LLH6
Description  N-channel 30 V, 0.0037 Ω , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP95N3LLH6 Datasheet(HTML) 1 Page - STMicroelectronics

  STP95N3LLH6 Datasheet HTML 1Page - STMicroelectronics STP95N3LLH6 Datasheet HTML 2Page - STMicroelectronics STP95N3LLH6 Datasheet HTML 3Page - STMicroelectronics STP95N3LLH6 Datasheet HTML 4Page - STMicroelectronics STP95N3LLH6 Datasheet HTML 5Page - STMicroelectronics STP95N3LLH6 Datasheet HTML 6Page - STMicroelectronics STP95N3LLH6 Datasheet HTML 7Page - STMicroelectronics STP95N3LLH6 Datasheet HTML 8Page - STMicroelectronics STP95N3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
November 2009
Doc ID 15228 Rev 3
1/18
18
STB95N3LLH6, STD95N3LLH6
STP95N3LLH6, STU95N3LLH6
N-channel 30 V, 0.0037
Ω , 80 A, D2PAK, DPAK, IPAK, TO-220
STripFET™ VI DeepGATE™ Power MOSFET
Features
■ RDS(on) * Qg industry benchmark
■ Extremely low on-resistance RDS(on)
■ High avalanche ruggedness
■ Low gate drive power losses
Application
■ Switching applications
Description
This product utilizes the 6th generation of design
rules of ST’s proprietary STripFET™ technology,
with a new gate structure.The resulting Power
MOSFET exhibits the lowest RDS(on) in all
packages.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on) max
ID
STB95N3LLH6
30 V
0.0042
Ω
80 A
STD95N3LLH6
30 V
0.0042
Ω
80 A
STP95N3LLH6
30 V
0.0042
Ω
80 A
STU95N3LLH6
30 V
0.0047
Ω
80 A
DPAK
1
3
3
2
1
IPAK
1
3
D²PAK
1
2
3
TO-220
AM01474v1
D (TAB or 2)
G(1)
S(3)
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB95N3LLH6
95N3LLH6
D²PAK
Tape and reel
STD95N3LLH6
95N3LLH6
DPAK
Tape and reel
STP95N3LLH6
95N3LLH6
TO-220
Tube
STU95N3LLH6
95N3LLH6
IPAK
Tube
www.st.com


Similar Part No. - STP95N3LLH6

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STP95N3LLH6 VBSEMI-STP95N3LLH6 Datasheet
963Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
STP95N3LLH6 ISC-STP95N3LLH6 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP95N3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5 Datasheet
376Kb / 16P
N-channel 30 V, 0.0042 Ω , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
25-Sep-2008
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5_10 Datasheet
817Kb / 16P
N-channel 30 V, 0.0042 Ω , 80 A, DPAK, TO-220, IPAK STripFET™V Power MOSFET
01-Jul-2010
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_10 Datasheet
619Kb / 17P
N-channel 25 V, 0.0038 Ω, 80 A, DPAK, IPAK, TO-220 STripFET™V Power MOSFET
26-Apr-2010
STB120N4LF6 STMICROELECTRONICS-STB120N4LF6 Datasheet
897Kb / 18P
N-channel 40 V, 3.1 mΩ, 80 A DPAK, D²PAK STripFET™VI DeepGATE??Power MOSFET
23-Feb-2011
STD96N3LLH6 STMICROELECTRONICS-STD96N3LLH6 Datasheet
942Kb / 15P
N-channel 30 V, 0.0037 Ω, 80 A, DPAK STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2011
STD80N4F6 STMICROELECTRONICS-STD80N4F6 Datasheet
1Mb / 18P
N-channel 40 V, 5.5 m typ., 80 A STripFET VI DeepGATE Power MOSFET in DPAK
05-Mar-2013
STD27N3LH5 STMICROELECTRONICS-STD27N3LH5 Datasheet
1,021Kb / 21P
N-channel 30 V, 0.014, 27 A, DPAK, IPAK, TO-220 STripFET V Power MOSFET
07-Mar-2011
STP120N4F6 STMICROELECTRONICS-STP120N4F6 Datasheet
746Kb / 13P
N-channel 40 V, 3.8 m廓 , 80 A, TO-220 STripFET??VI DeepGATE??Power MOSFET
17-May-2011
STD155N3H6 STMICROELECTRONICS-STD155N3H6 Datasheet
949Kb / 18P
N-channel 30 V, 2.5 m , 80 A, D PAK, DPAK STripFET VI DeepGATE Power MOSFET
11-May-2011
STB85N15F4 STMICROELECTRONICS-STB85N15F4 Datasheet
555Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, D2PAK STripFET™ DeepGATE™ Power MOSFET
12-Jan-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com