Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP95N3LLH6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP95N3LLH6
Description  N-channel 30 V, 0.0037 Ω , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP95N3LLH6 Datasheet(HTML) 4 Page - STMicroelectronics

  STP95N3LLH6 Datasheet HTML 1Page - STMicroelectronics STP95N3LLH6 Datasheet HTML 2Page - STMicroelectronics STP95N3LLH6 Datasheet HTML 3Page - STMicroelectronics STP95N3LLH6 Datasheet HTML 4Page - STMicroelectronics STP95N3LLH6 Datasheet HTML 5Page - STMicroelectronics STP95N3LLH6 Datasheet HTML 6Page - STMicroelectronics STP95N3LLH6 Datasheet HTML 7Page - STMicroelectronics STP95N3LLH6 Datasheet HTML 8Page - STMicroelectronics STP95N3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
STx95N3LLH6
4/18
Doc ID 15228 Rev 3
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
Voltage
ID = 250 µA, VGS= 0
30
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 30 V
VDS = 30 V,Tc = 125 °C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ± 20 V
±
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
1
2.5
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 40 A
SMD version
0.0037 0.0042
Ω
VGS = 10 V, ID = 40 A
0.0042 0.0047
Ω
VGS = 4.5 V, ID = 40 A
SMD version
0.0055
0.007
Ω
VGS = 4.5 V, ID = 40 A
0.006
0.0075
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f=1 MHz,
VGS = 0
-
2200
400
280
-
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 15 V, ID = 80 A
VGS = 4.5 V
Figure 13
-
20
8.2
7.5
-
nC
nC
nC
Qgs1
Qgs2
Pre Vth gate-to-source
charge
Post Vth gate-to-source
charge
VDD = 15 V, ID = 80 A
Figure 18
-
3.4
6.2
-
nC
nC
RG
Gate input resistance
f = 1 MHz gate bias
Bias = 0 test signal
level = 20 mV
open drain
-1
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com