Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP18NM80 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP18NM80
Description  N-channel 800 V, 0.25 Ω, 17 A, MDmes Power MOSFET
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP18NM80 Datasheet(HTML) 3 Page - STMicroelectronics

  STP18NM80 Datasheet HTML 1Page - STMicroelectronics STP18NM80 Datasheet HTML 2Page - STMicroelectronics STP18NM80 Datasheet HTML 3Page - STMicroelectronics STP18NM80 Datasheet HTML 4Page - STMicroelectronics STP18NM80 Datasheet HTML 5Page - STMicroelectronics STP18NM80 Datasheet HTML 6Page - STMicroelectronics STP18NM80 Datasheet HTML 7Page - STMicroelectronics STP18NM80 Datasheet HTML 8Page - STMicroelectronics STP18NM80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
STB18NM80, STF18NM80, STP18NM80, STW18NM80
Electrical ratings
Doc ID 15421 Rev 5
3/21
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220
D²PAK
TO-247 TO-220FP
VDS
Drain-source voltage
800
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at
TC = 25 °C
17
17 (1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at
TC = 100 °C
10.71
10.71(1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
68
68 (1)
A
PTOT
Total dissipation at TC = 25 °C
190
40
W
VISO
Insulation withstand voltage (RMS)
from all three leads to external heat
sink (t = 1 s;TC = 25 °C)
2500
V
Tstg
Storage temperature
-65 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-220
D²PAK
TO-247 TO-220FP
Rthj-case Thermal resistance junction-case
0.66
3.13
°C/W
Rthj-amb Thermal resistance junction-amb
62.5
50
62.5
°C/W
Rthj-pcb Thermal resistance junction-pcb
30
°C/W
Tl
Maximum lead temperature for
soldering purpose
300
°C
Table 4.
Avalanche characteristics
Symbol
Parameter
Max value
Unit
IAS
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
4A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAS, VDD = 50 V)
600
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com