Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP18NM80 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP18NM80
Description  N-channel 800 V, 0.25 Ω, 17 A, MDmes Power MOSFET
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP18NM80 Datasheet(HTML) 4 Page - STMicroelectronics

  STP18NM80 Datasheet HTML 1Page - STMicroelectronics STP18NM80 Datasheet HTML 2Page - STMicroelectronics STP18NM80 Datasheet HTML 3Page - STMicroelectronics STP18NM80 Datasheet HTML 4Page - STMicroelectronics STP18NM80 Datasheet HTML 5Page - STMicroelectronics STP18NM80 Datasheet HTML 6Page - STMicroelectronics STP18NM80 Datasheet HTML 7Page - STMicroelectronics STP18NM80 Datasheet HTML 8Page - STMicroelectronics STP18NM80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical characteristics
STB18NM80, STF18NM80, STP18NM80, STW18NM80
4/21
Doc ID 15421 Rev 5
2
Electrical characteristics
(TCASE= 25 °C unless otherwise specified)
Table 5.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1 mA, VGS = 0
800
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 800 V,
VDS = 800 V,Tc = 125 °C
10
100
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ± 30 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
3
4
5
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 8.5 A
0.25
0.295
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min. Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward transconductance
VDS = 15 V, ID= 8.5 A
-
14
-
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 50 V, f = 1 MHz, VGS = 0
-
2070
210
29
-
pF
pF
pF
Coss eq.
(2)
2.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Equivalent output
capacitance
VGS = 0, VDS = 0 to 640 V
-
316
-
pF
RG
Gate input resistance
f = 1 MHz Gate DC Bias = 0
Test Signal Level = 20 mV
Open Drain
-4
-
Ω
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 640 V, ID = 17 A
VGS = 10 V
(see Figure 17)
-
70
13
40
-
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com