Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZACT Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EZACT
Description  Chip RC Networks
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZACT Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EZACT Datasheet HTML 1Page - Panasonic Semiconductor EZACT Datasheet HTML 2Page - Panasonic Semiconductor EZACT Datasheet HTML 3Page - Panasonic Semiconductor EZACT Datasheet HTML 4Page - Panasonic Semiconductor EZACT Datasheet HTML 5Page - Panasonic Semiconductor EZACT Datasheet HTML 6Page - Panasonic Semiconductor EZACT Datasheet HTML 7Page - Panasonic Semiconductor EZACT Datasheet HTML 8Page - Panasonic Semiconductor EZACT Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Chip RC Networks
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
0.33
±0.10
0.635
±0.100
3.20
±0.15
6
1
45
23
87
10
9
0.65
0.35
±0.15
0.35
±0.10
+
–
0.20
0.10
33
0.5
±0.2
0.8
±0.1
4.0
±0.2
6
1
45
23
87
10
9
0.65
0.20
0.10
+
–
0.45
±0.20
0.4
±0.2
0.65
±0.20
1
1.27
±0.10
6.4
±0.2
45
23
87
10
9
6
0.5
±0.2
0.80
+
–
0.20
0.10
0.75
±0.20
12
3
4
5
6
12
11
10
9
8
7
0.25
±0.15
0.58
±0.2
4.0
±0.2
0.65
0.20
0.10
+
–
0.275
0.200
0.100
+
–
0.2
0.2
0.1
+
–
0.4
±0.2
0.65
±0.10
33
45
6
1
23
0.5
±0.1
2.0
±0.1
0.20
±0.15
0.30
±0.15
0.25
±0.15
87
10
9
0.55
±0.10
■ Dimensions in mm(not to scale)
EZACT
EZADT
Size : 0805 inches
Mass (Weight) [1000 pcs.] :4 g
Size : 1206 inches
Mass (Weight) [1000 pcs.] :11 g
EZAST/SS
EZANT
Size : 1608 inches
Mass (Weight) [1000 pcs.] :17 g
Size : 2512 inches
Mass (Weight) [1000 pcs.] :55 g
EZASTB/SSB
Size : 1608 inches
Mass (Weight) [1000 pcs.] :18 g
Feb. 2006



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com