Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZACT Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # EZACT
Description  Chip RC Networks
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZACT Datasheet(HTML) 6 Page - Panasonic Semiconductor

  EZACT Datasheet HTML 1Page - Panasonic Semiconductor EZACT Datasheet HTML 2Page - Panasonic Semiconductor EZACT Datasheet HTML 3Page - Panasonic Semiconductor EZACT Datasheet HTML 4Page - Panasonic Semiconductor EZACT Datasheet HTML 5Page - Panasonic Semiconductor EZACT Datasheet HTML 6Page - Panasonic Semiconductor EZACT Datasheet HTML 7Page - Panasonic Semiconductor EZACT Datasheet HTML 8Page - Panasonic Semiconductor EZACT Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Chip RC Networks
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
T
T
A
P0
P2
P1
fD0
fD1 (Only Emboss)
T
f C
W
f A
● Carrier Tape
(Unit : mm)
(Unit : mm)
● Taping Reel
■ Packaging Methods (Taping)
● Standard Quantity
Type
A
B
W
F
E
P1
P2
P0
fD0
T
fD1
EZACT
1.65
±0.15
2.40
±0.20
8.00
±0.20
3.50
±0.05
1.75
±0.10
4.00
±0.10
2.00
±0.05
4.00
±0.10
1.50
+0.10
0.85
±0.05
—
EZADT
2.00
±0.20
3.60
±0.20
EZAST/SS
2.50
±0.20
4.40
±0.20
12.00
±0.30
5.50
±0.20
1.75
±0.20
1.15
±0.20
1.50
+0.10
EZASTB/SSB
EZANT
3.50
±0.20
6.80
±0.20
1.30
±0.20
−0
−0
Type
fA
fB
fCW
T
EZACT
180.0–3.0 60 min.
13.0
±1.0
9.0
±1.0
11.4
±2.0
EZADT
EZAST/SS
13.0
±1.0
15.4
±2.0
EZASTB/SSB
EZANT
Type
Kind of Taping
Pitch (P1)
Quantity
EZACT
Punched Carrier Taping
4 mm
5000 pcs./reel
EZADT
EZAST/SS
Embossed Carrier Taping
4000 pcs./reel
EZASTB/SSB
EZANT
+0
Feb. 2006



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com