Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H01XP Datasheet(PDF) 15 Page - STMicroelectronics

Part # L99H01XP
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01XP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L99H01XP Datasheet HTML 11Page - STMicroelectronics L99H01XP Datasheet HTML 12Page - STMicroelectronics L99H01XP Datasheet HTML 13Page - STMicroelectronics L99H01XP Datasheet HTML 14Page - STMicroelectronics L99H01XP Datasheet HTML 15Page - STMicroelectronics L99H01XP Datasheet HTML 16Page - STMicroelectronics L99H01XP Datasheet HTML 17Page - STMicroelectronics L99H01XP Datasheet HTML 18Page - STMicroelectronics L99H01XP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
DocID15567 Rev 5
15/53
L99H01
Electrical specifications
52
Table 12. Inputs: CSN, CLK, PWM, DIR, EN and DI
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
12.1
Vin L
Low-level input voltage
0.3 * VCC
0.4 * VCC
V
12.2
Vin H
High-level input voltage
0.6 * VCC
0.7 * VCC
V
12.3
Vin Hyst
Input voltage hysteresis
0.1 * VCC
V
12.4
ICSN in
Pull-up current at input CSN
VCSN =VCC -1.5 V
-50
-25
-10
µA
12.5
ICLK in
Pull-down current at input
CLK
VCLK = 1.5 V
103550
µA
12.6
IDI in
Pull-down current at input DI
VDI = 1.5 V
103550
µA
12.7
IDIR in
Pull-down current at input DIR VDIR = 1.5 V
103550
µA
12.8
IPWM in
Pull-down current at input
PWM
VPWM = 1.5 V
103550
µA
12.9
REN in
Pull-down resistance at input
EN
VEN = VCC
100
210
480
k
Ω
12.10
Cin
(1)
Input capacitance at input
CSN, CLK, DI, DIR and PWM
0V < VCC <5.3 V
10
15
pF
1.
Value of input capacity is not measured in production test. Parameter guaranteed by design.
Table 13. Charge pump output
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
13.1.1
VCP
Charge pump output
voltage
VS = 6 V; ICP = 15 mA
VS +6
VS +7
VS +7.5
V
13.1.2
VS = 10 V; ICP = 15 mA
VS +11 VS +12
VS +13.5
V
13.1.3
VS > 12 V; ICP = 15 mA
VS +11
VS +12 VS +13.5
V
13.2
ICP
Charge pump output
current
fCP = fSYS_CLK / 32;
VS =14V; VCP =VS +10V
26
38
48
mA
13.3
VCP_LOW
Charge pump low
threshold voltage
VS +4.5
VS +5
VS +5.5
V
13.4.1
fSYS_CLK
Clock frequency
(internal oscillator)
VCC = 5 V
3
4
4.5
MHz
13.4.2
VCC = 3 V
2.4
3.3
3.5
MHz
13.5
TCP
Charge pump low filter
time
64
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com