Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H01XP Datasheet(PDF) 38 Page - STMicroelectronics

Part # L99H01XP
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01XP Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L99H01XP Datasheet HTML 34Page - STMicroelectronics L99H01XP Datasheet HTML 35Page - STMicroelectronics L99H01XP Datasheet HTML 36Page - STMicroelectronics L99H01XP Datasheet HTML 37Page - STMicroelectronics L99H01XP Datasheet HTML 38Page - STMicroelectronics L99H01XP Datasheet HTML 39Page - STMicroelectronics L99H01XP Datasheet HTML 40Page - STMicroelectronics L99H01XP Datasheet HTML 41Page - STMicroelectronics L99H01XP Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
Functional description of the SPI
L99H01
38/53
DocID15567 Rev 5
4.6
Detailed byte description of application registers (ApplRegX)
The write/read operation starts always with a command byte followed by 1 data byte.
4.6.1
Description of the data byte
The device uses 3 application registers to configure the device. Note that the last row shows
the logic levels during a reset phase.
Comments:
•
RWD: Restarts the watchdog counter
•
FW_PAS: Enables passive free wheeling according to Table 23
•
OFF_CAL: Offset calibration mode for CSA
•
OVT: Overvoltage threshold
•
CLK_SPCTR: Switch the clock to the charge pump
–
0: 125 Khz (50% duty cycle)
–
1: pulses train (max = 8 µs, min = 2 µs) to optimize power spectrum
•
OV_UV_RD: Over/undervoltage recovery disabled.
–
0: If VS recovers from OV/UV condition to normal operating voltage range, the
charge pump is automatically enabled;
–
1: If VS recovers from OV/UV condition to normal operating voltage range, the
charge pump remains disabled;
In both cases the microcontroller has to clear the status register to enable the gate
drivers
•
DIAG[1:0]: Drain source monitoring threshold voltage
Table 33. Address 1 <01(hex)>:ApplReg1-read/write
Bit
7
65
4
3
21
0
Name
RWD
FW_PAS
OFF_CAL
CLK_SPCTR
OVT
OV_UV_ RD
DIAG1
DIAG0
<default>
0
0
0
0
0
0
0
0
Table 34. Overvoltage threshold of the Vs monitoring
OVT
Threshold
020 V
129 V
Table 35. DIAG monitoring of source voltages
DIAG[1]
DIAG[0]
Monitoring threshold voltage
00
VSCD1= 0.5 V
01
VSCD2 = 1 V
10
VSCD3 = 1.5 V
11
VSCD4 = 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com