Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PowerSSO-36 Datasheet(PDF) 16 Page - STMicroelectronics

Part # PowerSSO-36
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PowerSSO-36 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PowerSSO-36 Datasheet HTML 12Page - STMicroelectronics PowerSSO-36 Datasheet HTML 13Page - STMicroelectronics PowerSSO-36 Datasheet HTML 14Page - STMicroelectronics PowerSSO-36 Datasheet HTML 15Page - STMicroelectronics PowerSSO-36 Datasheet HTML 16Page - STMicroelectronics PowerSSO-36 Datasheet HTML 17Page - STMicroelectronics PowerSSO-36 Datasheet HTML 18Page - STMicroelectronics PowerSSO-36 Datasheet HTML 19Page - STMicroelectronics PowerSSO-36 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
Electrical specifications
L99H01
16/53
DocID15567 Rev 5
Table 14. Gate drivers for external PowerMOS
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Drivers for external high-side PowerMOS
14.1
IGHx(on)
Turn on current
(SOURCE stage)
Tj = 25 °C
(1)
0.3
0.5(2)
0.8
A
14.2.1
RGHx
On-resistance of
SINK stage
VSHx = 0 V; IGHx = 50 mA;
Tj = 25°C
34
5
W
14.2.2
VSHx = 0 V; IGHx = 50 mA;
Tj = 125°C
4.5
5.3
7
W
14.3
VGHxH
Gate on voltage
Outputs floating
VSHx +8 V VSHx +10V VSHx +12V
V
14.4
RGSHx
Passive Gate
clamp resistance
11
13
15
k
Ω
Drivers for external low-side PowerMOS
14.5
IGLx(on)
Turn on current
(SOURCE stage)
Tj = 25°C
(1)
0.3
0.5(2)
0.8
A
14.6.1
RGLx
On-resistance of
SINK stage
VSLx = 0 V; IGHx = 50 mA;
Tj = 25°C
34
5
W
14.6.2
VSLx = 0 V; IGHx = 50 mA;
Tj = 125°C
4.5
5.3
7
W
14.7
VGLxH
Gate on voltage
VSLx +8 V VSLx +10V VSLx + 12 V
V
14.8
RGSLx
Passive gate
clamp resistance
11
13
15
k
Ω
Timing of the drivers
14.9
tGHxHL
Propagation delay
time high to low
VVS = 13.5 V; VSHx = 0;
RG =30 Ω; CG =4.7 nF
0.8
1.4
1.9
µs
14.10
tGLxHL
Propagation delay
time low to high
VVS = 13.5 V; VSLx = 0;
RG =30 Ω,; CG =4.7 nF
0.6
1.2
1.8
µs
14.11
tGHxr2
Rise time
VVS = 13.5 V; VSHx = 0;
RG =0 Ω; CG =4.7 nF
45
170
ns
14.12
tGHxf2
Fall time
VVS = 13.5 V; VSHx = 0;
RG =0 Ω; CG =4.7 nF
60
210
ns
14.13
tGLxr2
Rise time
VVS = 13.5 V; VSLx = 0;
RG =0 Ω; CG =4.7 nF
45
170
ns
14.14
tGLxf2
Fall time
VVS = 13.5 V; VSLx = 0;
RG =0 Ω; CG =4.7 nF
60
210
ns
1.
Indirect measurement, parameter measured dynamically using 100 nF load capacitor and evaluating the slew rate.
2.
Average value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com