Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PowerSSO-36 Datasheet(PDF) 40 Page - STMicroelectronics

Part # PowerSSO-36
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PowerSSO-36 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button PowerSSO-36 Datasheet HTML 36Page - STMicroelectronics PowerSSO-36 Datasheet HTML 37Page - STMicroelectronics PowerSSO-36 Datasheet HTML 38Page - STMicroelectronics PowerSSO-36 Datasheet HTML 39Page - STMicroelectronics PowerSSO-36 Datasheet HTML 40Page - STMicroelectronics PowerSSO-36 Datasheet HTML 41Page - STMicroelectronics PowerSSO-36 Datasheet HTML 42Page - STMicroelectronics PowerSSO-36 Datasheet HTML 43Page - STMicroelectronics PowerSSO-36 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
Functional description of the SPI
L99H01
40/53
DocID15567 Rev 5
Comments:
•
RWD: Restarts the watchdog counter
•
EXT_TS: The bit select the mode of the input pin TS/ACT_OFF:
–
EXT_TS = low (active off):
TS/ACT_OFF pin is used as input to switch the H-bridge in tristate and back.
Details are discribed in Section 3.12.1.
–
EXT_TS = high (thermal sensor interface):
TS/ACT_OFF pin is used as thermal sensor interface for external temperature
diodes. Details are discribed in Section 3.12.2.
•
EXTTH[5:0]: Determines the threshold of the external thermal shutdown/warning
Table 40. Address 3 <03(hex)> : ApplReg3 – read/write
Bit
7
6
54321
0
Name
RWD
EXT_TS
EXTTH_5 EXTTH_4 EXTTH_3 EXTTH_2 EXTTH_1 EXTTH_0
<default>
0
0
00000
0
Table 41. External threshold voltage, factor n
EXTTH_5
EXTTH_4
EXTTH_3
n
00
0
7
00
1
6
01
0
5
01
1
4
10
0
3
10
1
2
11
0
1
11
1
0
Table 42. External threshold voltage, factor m
EXTTH_2
EXTTH_1
EXTTH_0
m
00
0
7
00
1
6
01
0
5
01
1
4
10
0
3
10
1
2
11
0
1
11
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com