Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6699DTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6699DTR
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699DTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6699DTR Datasheet HTML 10Page - STMicroelectronics L6699DTR Datasheet HTML 11Page - STMicroelectronics L6699DTR Datasheet HTML 12Page - STMicroelectronics L6699DTR Datasheet HTML 13Page - STMicroelectronics L6699DTR Datasheet HTML 14Page - STMicroelectronics L6699DTR Datasheet HTML 15Page - STMicroelectronics L6699DTR Datasheet HTML 16Page - STMicroelectronics L6699DTR Datasheet HTML 17Page - STMicroelectronics L6699DTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Application information
L6699
14/38
Doc ID 022835 Rev 2
After fixing CF according to
Table 6:
Value of RFmin and RFmax is selected so that the oscillator frequency is able to cover the
entire range needed for regulation, from the minimum value fmin (at minimum input voltage
and maximum load) to the maximum value fmax (at maximum input voltage and minimum
load):
Equation 2
Figure 6.
Oscillator waveforms and their relationship with gate-driving signals
A different selection criterion is given for RFmax if burst-mode operation is to be used (see
Section 7: Operation at no load or very light load).
In
Figure 6 the timing relationship between the oscillator waveform and the gate-drive
signal, as well as the midpoint of the half bridge leg (HB) is shown. Note that the low-side
gate-drive is turned on while the oscillator's triangle is ramping up and the high-side gate-
drive is turned on while the triangle is ramping down. In this way, at startup, or as the IC
resumes switching during burst-mode operation, the low-side MOSFET is switched on first
to charge the bootstrap capacitor. As a result, the bootstrap capacitor is always charged and
ready to supply the high-side floating driver (see
Section 12: Bootstrap section).
Table 6.
Recommended values for CF as a function of the startup frequency fstart
fstart [kHz]
CF [pF]
fstart [kHz]
CF [pF]
150
680
230 - 240
180
160
560
250
150
170
470
260
120
180
390
270
100
190 – 200
330
280
82
210
270
290
68
220
220
300
56
1
f
f
RF
=
RF
;
f
·
CF
·
3
1
=
RF
-
min
max
min
max
min
mi n
AM11380v1
CF
HVG
t
t
LVG
t
HB
t
TD
TD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com