Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6699DTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6699DTR
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699DTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6699DTR Datasheet HTML 15Page - STMicroelectronics L6699DTR Datasheet HTML 16Page - STMicroelectronics L6699DTR Datasheet HTML 17Page - STMicroelectronics L6699DTR Datasheet HTML 18Page - STMicroelectronics L6699DTR Datasheet HTML 19Page - STMicroelectronics L6699DTR Datasheet HTML 20Page - STMicroelectronics L6699DTR Datasheet HTML 21Page - STMicroelectronics L6699DTR Datasheet HTML 22Page - STMicroelectronics L6699DTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
L6699
Application information
Doc ID 022835 Rev 2
19/38
Figure 11.
Comparison of initial cycles after startup: traditional controller (left), with
L6699 (right)
It goes without saying that when either MOSFET is turned on for the very first time, this
occurs with a non-zero drain-to-source voltage. Therefore, strictly speaking, hard-switching
is still there. However, this type of one-shot hard-switching, where the body diode of the
other MOSFET is not reverse recovered, is of little concern. In fact, the related capacitive
power loss is thermally insignificant and, with a proper gate-drive circuit, spurious turn-on of
the other MOSFET through Cgd injection is easily prevented.
The timing diagrams of
Figure 11 compare the startup behavior of a resonant converter
driven by a traditional resonant controller with that of a converter driven by the L6699.
During the initial phase, the ramps of the oscillator are synchronized to the zero-crossings of
the tank current, so that a trapezoidal waveform appears across CF. As a result, the duty
cycle of the half bridge is initially considerably less than 50% and the tank current changes
its sign every half-cycle. The device goes to normal operation after approximately 50 µs
from the first switching cycle. If the timing capacitor CF is selected according to
Table 6, this
transition is nearly seamless and just a small perturbation of the tank current can be
observed.
Using capacitor values significantly different from those provided in
Table 6 might cause
large perturbations during the transition. This might bring the half bridge close to losing soft-
switching with a consequent activation of the capacitive-mode detection function.
With the L6699 the soft-start function is easily realized with the addition of an R-C series
circuit from pin 4 (RFmin) to ground (see Figure 13).
Initially, the capacitor CSS is totally discharged, so that the series resistor RSS is effectively
parallel with RFmin and the resulting initial frequency is determined by RSS and RFmin only,
as the optocoupler's phototransistor is cut off (as long as the output voltage is not too far
away from the regulated value):
Equation 4
The CSS capacitor is progressively charged until its voltage reaches the reference voltage (2
V) and, consequently, the current through RSS goes to zero. This conventionally takes 5
times the constants RSS·CSS, however, the soft-start phase really ends when the output
voltage has got close to the regulated value and the feedback loop has taken over, so that
()
SS
min
start
R
//
RF
·
CF
·
3
1
=
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com