Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DSHTR Datasheet(PDF) 38 Page - STMicroelectronics

Part # LIS3DSHTR
Description  MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DSHTR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LIS3DSHTR Datasheet HTML 34Page - STMicroelectronics LIS3DSHTR Datasheet HTML 35Page - STMicroelectronics LIS3DSHTR Datasheet HTML 36Page - STMicroelectronics LIS3DSHTR Datasheet HTML 37Page - STMicroelectronics LIS3DSHTR Datasheet HTML 38Page - STMicroelectronics LIS3DSHTR Datasheet HTML 39Page - STMicroelectronics LIS3DSHTR Datasheet HTML 40Page - STMicroelectronics LIS3DSHTR Datasheet HTML 41Page - STMicroelectronics LIS3DSHTR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
Register description
LIS3DSH
38/53
Doc ID 022405 Rev 1
8.18
VFC_1 (1Bh)
Vector coefficient register 1 for DIff filter.
8.19
VFC_2 (1Ch)
Vector coefficient register 2 for DIff filter.
8.20
VFC_3 (1Dh)
Vector coefficient register 3 for FSM2 filter.
8.21
VFC_4 (1Eh)
Vector coefficient register 4 for DIff filter.
Table 43.
STAT register description
LONG
0=no interrupt, 1=long counter (LC) interrupt flag common for both SM
SYNCW
Synchronization for external Host Controller interrupt based on output data
0=no action waiting from host; 1=action from host based on output data
SYNC1
0=SM1 running normally, 1=SM1 stopped and await restart request from SM2
SYNC2
0=SM2 running normally, 1=SM2 stopped and await restart request from SM1
INT_SM1
SM1 - Interrupt Selection - 1=SM1 interrupt enable; 0: SM1 interrupt disable
NT_SM2
SM2 - Interrupt Selection - 1=SM2 interrupt enable; 0: SM2 interrupt disable
DOR
Data overrun indicates not read data from output register when next data samples
measure start; 0=no overrun, 1=data overrun data overrun bit is reset when next
sample is ready
DRDY
data ready from output register
0=data not ready, 1=data ready
Table 44.
Vector filter coefficient register 1 default value
0
000
00
00
Table 45.
Vector filter coefficient register 2 default value
0
000
00
00
Table 46.
Vector filter coefficient register 3 default value
0
000
00
00
Table 47.
Vector filter coefficient register 4 default value
0
000
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com