Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DSHTR Datasheet(PDF) 39 Page - STMicroelectronics

Part # LIS3DSHTR
Description  MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DSHTR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LIS3DSHTR Datasheet HTML 35Page - STMicroelectronics LIS3DSHTR Datasheet HTML 36Page - STMicroelectronics LIS3DSHTR Datasheet HTML 37Page - STMicroelectronics LIS3DSHTR Datasheet HTML 38Page - STMicroelectronics LIS3DSHTR Datasheet HTML 39Page - STMicroelectronics LIS3DSHTR Datasheet HTML 40Page - STMicroelectronics LIS3DSHTR Datasheet HTML 41Page - STMicroelectronics LIS3DSHTR Datasheet HTML 42Page - STMicroelectronics LIS3DSHTR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
LIS3DSH
Register description
Doc ID 022405 Rev 1
39/53
8.22
THRS3 (1Fh)
Threshold value e register.
8.23
OUT_X (28h - 29h)
X-axis output register.
8.24
OUT_Y (2Ah - 2Bh)
Y-axis output register.
8.25
OUT_Z (2Ch - 2Dh)
Z-axis output register.
Table 48.
Threshold value register 3 default value
0
000
00
00
Table 49.
OUT_X_L register default value
0
000
00
00
Table 50.
OUT_X_H register default value
0
000
00
00
Table 51.
OUT_Y_L register default value
0
000
00
00
Table 52.
OUT_Y_H register default value
0
000
00
00
Table 53.
OUT_Z_L register default value
0
000
00
00
Table 54.
OUT_Z_H register default value
0
000
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com