Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS914ID Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS914ID
Description  Rail-to-rail CMOS quad operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS914ID Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS914ID Datasheet HTML 5Page - STMicroelectronics TS914ID Datasheet HTML 6Page - STMicroelectronics TS914ID Datasheet HTML 7Page - STMicroelectronics TS914ID Datasheet HTML 8Page - STMicroelectronics TS914ID Datasheet HTML 9Page - STMicroelectronics TS914ID Datasheet HTML 10Page - STMicroelectronics TS914ID Datasheet HTML 11Page - STMicroelectronics TS914ID Datasheet HTML 12Page - STMicroelectronics TS914ID Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TS914, TS914A
Electrical characteristics
Doc ID 4475 Rev 8
9/17
Figure 8.
Gain and phase vs. frequency
(RL = 10 kΩ)
Figure 9.
Gain bandwidth product vs. supply
voltage (RL = 10 kΩ)
Frequency
Phase
Supply voltage
Figure 10.
Phase margin vs. supply voltage
(RL = 10 kΩ)
Figure 11.
Gain and phase vs. frequency
(RL = 600 Ω)
Supply voltage
Frequency
Phase
Gain
Figure 12.
Gain bandwidth product vs. supply
voltage (RL = 600 Ω)
Figure 13.
Phase margin vs. supply voltage
(RL = 600 Ω)
Supply voltage
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com