Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS914ID Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS914ID
Description  Rail-to-rail CMOS quad operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS914ID Datasheet(HTML) 2 Page - STMicroelectronics

  TS914ID Datasheet HTML 1Page - STMicroelectronics TS914ID Datasheet HTML 2Page - STMicroelectronics TS914ID Datasheet HTML 3Page - STMicroelectronics TS914ID Datasheet HTML 4Page - STMicroelectronics TS914ID Datasheet HTML 5Page - STMicroelectronics TS914ID Datasheet HTML 6Page - STMicroelectronics TS914ID Datasheet HTML 7Page - STMicroelectronics TS914ID Datasheet HTML 8Page - STMicroelectronics TS914ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Absolute maximum ratings and operating conditions
TS914, TS914A
2/17
Doc ID 4475 Rev 8
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
All voltage values, except differential voltage are with respect to network ground terminal.
18
V
Vid
Differential input voltage(2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±18
V
Vin
Input voltage(3)
3.
The magnitude of input and output voltages must never exceed VCC
+ +0.3 V.
-0.3 to 18
V
Iin
Current on inputs
±50
mA
Io
Current on outputs
±130
mA
Tj
Maximum junction temperature
150
°C
Tstg
Storage temperature
-65 to +150
°C
Rthja
Thermal resistance junction to ambient(4)
4.
Short-circuits can cause excessive heating. Destructive dissipation can result from simultaneous short-
circuit on all amplifiers. These are typical values.
103
°C/W
Rthjc
Thermal resistance junction to case
31
°C/W
ESD
HBM: human body model
(5)
5.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
1kV
MM: machine model(6)
6.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
50
V
CDM: charged device model(7)
7.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to ground through only one pin. This is done for all pins.
1.5
kV
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 16
V
Vicm
Common mode input voltage range
VCC- -0.2 to VCC+ +0.2
V
Toper
Operating free air temperature range
-40 to + 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com