Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4856Z Datasheet(PDF) 1 Page - ebm-papst

Part # 4856Z
Description  AC fans with external rotor shaded-pole motor. Impedance protected against overloading
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4856Z Datasheet(HTML) 1 Page - ebm-papst

  4856Z Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
152
– AC fans with external rotor shaded-pole motor. Impedance protected against overloading.
– Metal fan housing and impeller.
– Air exhaust over struts. Direction of rotation clockwise, seen on rotor.
– Electrical connection via 2 flat plugs 2.8 x 0.5 mm.
– Optionally available: Models with reinforced flanges and single leads.
– Fan housing with grounding lug and screw M4 x 8 (TORX).
– Mass: 540 g.
– Please note our new ACmaxx series. With identical mounting dimensions and voltages, this
series achieves higher energy efficiency.
AC axial fans
Series 4000 Z
119 x 119 x 38 mm
Nominal data
0
2 0
4 0
6 0
8 0
100
25
50
10
20
30
40
75
100
125
6
50
1
4
2
5
3
50 Hz
60 Hz
150
60
70
m³/h
CFM
Type
m3/h
CFM
V
Hz
dB(A)
Bel(A)
/
Watts
RPM
°C
Hours
Hours
4850 Z
100
58,9
230
50
26
4,0
/
13,0
1 700
-10...+65
50 000 / 27 500
1
4856 Z
100
58,9
230
50
26
4,0
/
13,0
1 700
-40...+75
50 000 / 20 000
1
4580 Z
115
67,7
230
50
30
4,3
/
13,0
1 900
-10...+65
50 000 / 27 500
2
4586 Z
115
67,7
230
50
30
4,3
/
13,0
1 900
-40...+75
50 000 / 20 000
2
4650 Z
160
94,2
230
50
40
5,3
/
19,0
2 650
-10...+50
37 500 / 30 000
3
4656 Z
160
94,2
230
50
40
5,3
/
19,0
2 650
-40...+75
37 500 / 17 500
3
4800 Z
105
61,6
115
60
28
4,1
/
12,0
1 800
-10...+70
52 500 / 25 000
4
4806 Z
105
61,6
115
60
28
4,1
/
12,0
1 800
-40...+75
52 500 / 17 500
4
4530 Z
120
70,6
115
60
32
4,4
/
12,0
2 000
-10...+70
52 500 / 25 000
5
4536 Z
120
70,6
115
60
32
4,4
/
12,0
2 000
-40...+75
52 500 / 17 500
5
4600 Z
180
105,9
115
60
45
5,6
/
18,0
3 100
-10...+60
40 000 / 25 000
6
4606 Z
180
105,9
115
60
45
5,6
/
18,0
3 100
-40...+85
40 000 / 15 000
6
SSPP
IP54
IP54
Û
HHPP
max.
180 m3/h
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage 18.01.2011 14:20 Seite 152


Similar Part No. - 4856Z

ManufacturerPart #DatasheetDescription
logo
ebm-papst
4856Z EBMPAPST-4856Z Datasheet
287Kb / 4P
AC axial compact fan
4856Z EBMPAPST-4856Z Datasheet
134Kb / 1P
AC axial fans
More results

Similar Description - 4856Z

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FAA1-12038-A QUALTEK-FAA1-12038-A Datasheet
1Mb / 1P
Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
FQA1-12038 QUALTEK-FQA1-12038 Datasheet
3Mb / 1P
Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
logo
ebm-papst
W1G180-AB31-01 EBMPAPST-W1G180-AB31-01 Datasheet
333Kb / 1P
DC fans with electronically commutated external rotor motor.
logo
List of Unclassifed Man...
W2E143-AA09 ETC2-W2E143-AA09 Datasheet
487Kb / 1P
AC fans with extemal rotor shaded-pole motor
logo
Analog Devices
EVAL-ADG5209FEBZ AD-EVAL-ADG5209FEBZ Datasheet
378Kb / 12P
Protected against overvoltage on source pins
Rev. A
EVAL-ADG5404FEBZ AD-EVAL-ADG5404FEBZ Datasheet
349Kb / 10P
Protected against overvoltage on source pins
Rev. A
EVAL-ADG5462FEBZ AD-EVAL-ADG5462FEBZ Datasheet
405Kb / 12P
Protected against overvoltage on source pins
Rev. 0
logo
STMicroelectronics
STEVAL-ISA116V1 STMICROELECTRONICS-STEVAL-ISA116V1 Datasheet
106Kb / 4P
Fully protected against faults
12-Feb-2013
logo
C&K Components
KSB CK-COMPONENTS-KSB Datasheet
91Kb / 4P
Protected against flux
logo
Unisonic Technologies
UMD9114 UTC-UMD9114 Datasheet
133Kb / 6P
DC TAIL ROTOR MOTOR, STEERING GEAR MOTOR DRIVE CIRCUIT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com