Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA116V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA116V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA116V1
Download  STEVAL-ISA116V1 Download
File Size   106.98 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Fully protected against faults

STEVAL-ISA116V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA116V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA116V1
Download  STEVAL-ISA116V1 Click to download

File Size   106.98 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Fully protected against faults

STEVAL-ISA116V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA116V1 Product details

Description
The STEVAL-ISA116V1 demonstration board implements a double-output power supply set in buck topology using the VIPER26LD, a new offline high voltage converter by STMicroelectronics. The features of the device include an 800 V avalanche-rugged power section, PWM operation at 60 kHz with frequency jittering for lower EMI, current limiting with adjustable set point, on-board soft-start, safe auto-restart after a fault condition and low standby power consumption. The protection features include thermal shutdown with hysteresis, delayed overload protection and open loop failure protection. All protection is autorestart mode.

Features
■ Universal input mains range: – input voltage: 80 - 280 VAC – frequency: 45 - 65 Hz
■ Double-output voltage: – 16 V @ 0.3 A continuous operation – 5 V through LDO
■ Standby mains consumption: < 100 mW @ 265 VAC
■ Fully protected against faults (overload, feedback disconnection and overheating)
■ EMI: according to EN55022-Class-B
■ RoHS compliant




Similar Part No. - STEVAL-ISA116V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
Wide-range single-output demonstration board based on the VIPER26HN
10-Dec-2012
STEVAL-ISA112V1 STMICROELECTRONICS-STEVAL-ISA112V1 Datasheet
2Mb / 14P
Complying with EuP Lot 6 requirements
08-Jan-2013
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
Wide range single-output demonstration board based on the VIPER06HS
10-Jan-2013
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
More results


Similar Description - STEVAL-ISA116V1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
FULLY PROTECTED POWER MOSFET SWITCH
logo
NXP Semiconductors
HEF4011BT-653 NXP-HEF4011BT-653 Datasheet
269Kb / 12P
Inputs and outputs are protected against electrostatic effects
Rev. 5-21 November 2011
logo
STMicroelectronics
VNL5030J-E STMICROELECTRONICS-VNL5030J-E Datasheet
844Kb / 28P
fully protected low-side driver
21-Nov-2013
logo
Analog Devices
EVAL-ADG5209FEBZ AD-EVAL-ADG5209FEBZ Datasheet
378Kb / 12P
Protected against overvoltage on source pins
Rev. A
EVAL-ADG5404FEBZ AD-EVAL-ADG5404FEBZ Datasheet
349Kb / 10P
Protected against overvoltage on source pins
Rev. A
EVAL-ADG5462FEBZ AD-EVAL-ADG5462FEBZ Datasheet
405Kb / 12P
Protected against overvoltage on source pins
Rev. 0
logo
C&K Components
KSB CK-COMPONENTS-KSB Datasheet
91Kb / 4P
Protected against flux
logo
Shanghai Leiditech Elec...
HL30-070H LEIDITECH-HL30-070H Datasheet
301Kb / 2P
Designed for use in motor, protecting against both over-current and over-temperature faults
HL30-100H LEIDITECH-HL30-100H Datasheet
266Kb / 2P
Designed for use in motor, protecting against both over-current and over-temperature faults
logo
Maxim Integrated Produc...
MAX8855EVKIT MAXIM-MAX8855EVKIT Datasheet
258Kb / 11P
Fully Protected Against Overcurrent, Short Circuit, and Overtemperature
Rev 0; 10/10
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com