Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4941-1YCPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4941-1YCPZ-R2
Description  Single-Supply, Differential 18-Bit ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4941-1YCPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4941-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4941-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4941-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4941-1YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4941-1YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4941-1YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4941-1YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4941-1YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4941-1YCPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADA4941-1
Rev. C | Page 11 of 24
0.12
–0.12
50ns/DIV
VOUT = 200mV p-p
0.08
0.04
0
–0.04
–0.08
VS = +3V
VS = +5V OR VS = ±5V
Figure 23. Small Signal Transient Response for Various Supplies
8
–8
VS = ±5V
VO, dm = 12V p-p
VO, dm
2 × VIN
ERROR = 2 × VIN – VO, dm
6
4
2
0
–2
–4
–6
2.4
–2.4
1.8
1.2
0.6
0
–0.6
–1.2
–1.8
1µs/DIV
Figure 24. Settling Time (0.005%), VS = ±5 V
12
–12
10
8
6
4
2
0
–2
–4
–6
–8
–10
1µs/DIV
INPUT × 2
OUTPUT
Figure 25. Input Overdrive Recovery, VS = ±5 V
8
–8
200ns/DIV
VS = ±5V
VO, dm = 12V p-p
VS = ±2.5V
VO, dm = 6V p-p
VS = ±1.5V
VO, dm = 2V p-p
6
4
2
0
–2
–4
–6
Figure 26. Large Signal Transient Response for Various Supplies
9
1
VS = +5V
VO, dm = 6V p-p
VO, dm
2 × VIN
ERROR = 2 × VIN – VO, dm
8
7
6
5
4
3
2
1.2
–1.2
0.9
0.6
0.3
0
–0.3
–0.6
–0.9
1µs/DIV
Figure 27. Settling Time (0.005%), VS = +5 V
8
–8
1µs/DIV
6
4
2
0
–2
–4
–6
INPUT × 2
OUTPUT
Figure 28. Input Overdrive Recovery, VS = +5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com