Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4941-1YCPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4941-1YCPZ-R2
Description  Single-Supply, Differential 18-Bit ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4941-1YCPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4941-1YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4941-1YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4941-1YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4941-1YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4941-1YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4941-1YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4941-1YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4941-1YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4941-1YCPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADA4941-1
Rev. C | Page 15 of 24
THEORY OF OPERATION
The ADA4941-1 is a low power, single-ended input, differential
output amplifier optimized for driving high resolution ADCs.
Figure 47 illustrates how the ADA4941-1 is typically connected.
The amplifier is composed of an uncommitted amplifier, A1,
driving a precision inverter, A2. The negative input of A1 is
brought out to Pin 1 (FB), allowing for user-programmable
gain. The inverting op amp, A2, provides accurate inversion of
the output of A1, VOP, producing the output signal VON.
1k
Ω
1k
Ω
RG
RF
RF || RG
500
Ω
A2
A1
REF
IN
VREF
2
8
4
5
FB
OUT+
+
–
VOP
1
OUT–
+
–
VON
VIN
VG
Figure 47. Basic Connections (Power Supplies Not Shown)
The voltage applied to the REF pin appears as the output
common-mode voltage. Note that the voltage applied to the
REF pin does not affect the voltage at the OUT+ pin. Because of
this, a differential offset can exist between the outputs, while the
desired output common-mode voltage is present. For example,
when VOP = 3.5 V and VON = 1.5 V, the output common-
mode voltage is equal to 2.5 V, just as it is when both outputs
are at 2.5 V. In the first case, the differential voltage (or offset) is
2.0 V, and in the latter case, the differential voltage is 0 V. When
calculating output voltages, both differential and common-mode
voltages must be considered at the same time to avoid undesired
differential offsets.
BASIC OPERATION
In Figure 47, RG and RF form the external gain-setting network.
VG and VREF are externally applied voltages. VO, cm is defined
as the output common-mode voltage and VO, dm is defined as
the differential-mode output voltage. The following equations
can be derived from Figure 47:


−


+
=
G
F
G
F
R
R
VG
R
R
VIN
VOP
1
(1)
)
(
2
1
VREF
R
R
VG
R
R
VIN
VON
G
F
G
F
+


+


+
−
=
(2)
)
(
2
2
1
)
(
2
,
VREF
R
R
VG
R
R
VIN
VON
VOP
dm
V
G
F
G
F
O
−


−


+
=
−
=
(3)
VREF
VON
VOP
cm
VO
=
+
=
2
,
(4)
When RF = 0 and RG is removed, Equation 3 simplifies to the
following:
VO, dm = 2(VIN) − 2(VREF)
(5)
1k
Ω
1k
Ω
4.99k
Ω
1k
Ω
825
Ω
500
Ω
A2
A1
REF
IN
2
8
4
5
FB
+5V
–5V
VS+
VS–
OUT+
+
–
VOP
1
3
6
OUT–
+
–
VON
VIN
Figure 48. Dual Supply, G = 2.4, Single-Ended-to-Differential Amplifier
Figure 48 shows an example of a dual-supply connection. In this
example, VG and VREF are set to 0 V, and the external RF and
RG network provides a noninverting gain of 1.2 in A1. This
example takes full advantage of the rail-to-rail output stage.
The gain equation is
VOP − VON = 2.4(VIN)
(6)
The in-series, 825 Ω resistor combined with Pin 8 compensates
for the voltage error generated by the input offset current of A1.
The linear output range of both A1 and A2 extends to within
200 mV of each supply rail, which allows a peak-to-peak
differential output voltage of 19.2 V on ±5 V supplies.
1k
Ω
1k
Ω
500
Ω
A2
A1
REF
IN
2
8
4
5
FB
+5V
VS+
VS–
OUT+
+
–
VOP
1
3
6
OUT–
+
–
VON
+2.5V
VIN
Figure 49. Single +5V Supply, G=2 Single-Ended-to-Differential Amplifier
Figure 49 shows a single 5 V supply connection with A1 used as
a unity gain follower. The 2.5 V at the REF pin sets the output
common-mode voltage to 2.5 V. The transfer function is then
VOP − VON = 2(VIN) − 5 V
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com