Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADF7020DBZ2 Datasheet(PDF) 18 Page - Analog Devices

Part # EVAL-ADF7020DBZ2
Description  High Performance, ISM Band, FSK/ASK Transceiver IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7020DBZ2 Datasheet(HTML) 18 Page - Analog Devices

Back Button EVAL-ADF7020DBZ2 Datasheet HTML 14Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 15Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 16Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 17Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 18Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 19Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 20Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 21Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
ADF7020
Data Sheet
Rev. D | Page 18 of 48
TRANSMITTER
RF OUTPUT STAGE
The PA of the ADF7020 is based on a single-ended, controlled
current, open-drain amplifier that has been designed to deliver
up to 13 dBm into a 50 Ω load at a maximum frequency of
956 MHz.
The PA output current and, consequently, the output power are
programmable over a wide range. The PA configurations in
FSK/GFSK and ASK/OOK modulation modes are shown in
Figure 25 and Figure 26, respectively. In FSK/GFSK modulation
mode, the output power is independent of the state of the
DATA I/O pin. In ASK/OOK modulation mode, it is dependent
on the state of the DATA I/O pin and Bit R2_DB29, which
selects the polarity of the TxData input. For each transmission
mode, the output power can be adjusted as follows:
FSK/GFSK
The output power is set using Bits R2_DB[9:14].
ASK
The output power for the inactive state of the TxData input
is set by Bits R2_DB[15:20]. The output power for the
active state of the TxData input is set by Bits R2_DB[9:14].
OOK
The output power for the active state of the TxData input
is set by Bits R2_DB[9:14]. The PA is muted when the TxData
input is inactive.
IDAC
2
6
R2_DB[9:14]
R2_DB4
R2_DB5
DIGITAL
LOCK DETECT
R2_DB[30:31]
+
RFGND
RFOUT
FROM VCO
Figure 25. PA Configuration in FSK/GFSK Mode
IDAC
R2_DB[9:14]
R2_DB[15:23]
R2_DB4
R2_DB5
DIGITAL
LOCK DETECT
R2_DB[30:31]
R2_DB29
+
RFGND
RFOUT
FROM VCO
6
6
6
0
ASK/OOK MODE
DATA I/O
Figure 26. PA Configuration in ASK/OOK Mode
The PA is equipped with overvoltage protection, which makes it
robust in severe mismatch conditions. Depending on the applica-
tion, one can design a matching network for the PA to exhibit
optimum efficiency at the desired radiated output power level
for a wide range of different antennas, such as loop or mono-
pole antennas. See the LNA/PA Matching section for details.
PA Bias Currents
Control Bits R2_DB[30:31] facilitate an adjustment of the PA
bias current to further extend the output power control range,
if necessary. If this feature is not required, the default value of
7 μA is recommended. The output stage is powered down by
resetting Bit R2_DB4. To reduce the level of undesired spurious
emissions, the PA can be muted during the PLL lock phase by
toggling this bit.
MODULATION SCHEMES
Frequency Shift Keying (FSK)
Frequency shift keying is implemented by setting the N value
for the center frequency and then toggling this with the TxData
line. The deviation from the center frequency is set using
Bits R2_DB[15:23]. The deviation from the center frequency
in Hz is
14
2
]
Hz
[
Number
Modulation
PFD
FSK
DEVIATION
where Modulation Number is a number from 1 to 511
(R2_DB[15:23]).
Select FSK using Bits R2_DB[6:8].
VCO
÷N
THIRD-ORDER
Σ-∆ MODULATOR
PFD/
CHARGE
PUMP
4R
INTEGER-N
FRACTIONAL-N
PA STAGE
–
fDEV
+
fDEV
TxDATA
FSK DEVIATION
FREQUENCY
Figure 27. FSK Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com