Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADF7020DBZ2 Datasheet(PDF) 19 Page - Analog Devices

Part # EVAL-ADF7020DBZ2
Description  High Performance, ISM Band, FSK/ASK Transceiver IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7020DBZ2 Datasheet(HTML) 19 Page - Analog Devices

Back Button EVAL-ADF7020DBZ2 Datasheet HTML 15Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 16Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 17Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 18Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 19Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 20Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 21Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 22Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Data Sheet
ADF7020
Rev. D | Page 19 of 48
Gaussian Frequency Shift Keying (GFSK)
Gaussian frequency shift keying reduces the bandwidth occu-
pied by the transmitted spectrum by digitally prefiltering the
TxData. A TxCLK output line is provided from the ADF7020
for synchronization of TxData from the microcontroller.
The TxCLK line can be connected to the clock input of a shift
register that clocks data to the transmitter at the exact data rate.
Setting Up the ADF7020 for GFSK
To set up the frequency deviation, set the PFD and the modula-
tion control bits.
12
2
2
]
Hz
[
m
DEVIATION
PFD
GFSK
×
=
where m is GFSK_Mod_Control, set using R2_DB[24:26].
To set up the GFSK data rate,
COUNTER
INDEX
FACTOR
DIVIDER
PFD
DR
_
_
]
bps
[
×
=
The INDEX_COUNTER variable controls the number of inter-
mediate frequency steps between the low and high frequency.
It is usually possible to achieve a given data rate with various
combinations of DIVIDER_FACTOR and INDEX_COUNTER.
Choosing a higher INDEX_COUNTER can help in improving
the spectral performance.
Amplitude Shift Keying (ASK)
Amplitude shift keying is implemented by switching the output
stage between two discrete power levels. This is accomplished
by toggling the DAC, which controls the output level between
two 6-bit values set up in Register 2. A 0 TxData bit sends
Bits R2_DB[15:20] to the DAC. A high TxData bit sends
Bits R2_DB[9:14] to the DAC. A maximum modulation depth
of 30 dB is possible.
On-Off Keying (OOK)
On-off keying is implemented by switching the output stage to a
certain power level for a high TxData bit and switching the
output stage off for a zero. For OOK, the transmitted power for
a high input is programmed using Bits R2_DB[9:14].
Gaussian On-Off Keying (GOOK)
Gaussian on-off keying represents a prefiltered form of OOK
modulation. The usually sharp symbol transitions are replaced
with smooth Gaussian filtered transitions, the result being a
reduction in frequency pulling of the VCO. Frequency pulling
of the VCO in OOK mode can lead to a wider than desired
BW, especially if it is not possible to increase the loop filter
BW > 300 kHz. The GOOK sampling clock samples data at the
data rate (see the Setting Up the ADF7020 for GFSK section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com