Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP124ACPZ-2.8-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP124ACPZ-2.8-R7
Description  5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP124ACPZ-2.8-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP124ACPZ-2.8-R7 Datasheet HTML 5Page - Analog Devices ADP124ACPZ-2.8-R7 Datasheet HTML 6Page - Analog Devices ADP124ACPZ-2.8-R7 Datasheet HTML 7Page - Analog Devices ADP124ACPZ-2.8-R7 Datasheet HTML 8Page - Analog Devices ADP124ACPZ-2.8-R7 Datasheet HTML 9Page - Analog Devices ADP124ACPZ-2.8-R7 Datasheet HTML 10Page - Analog Devices ADP124ACPZ-2.8-R7 Datasheet HTML 11Page - Analog Devices ADP124ACPZ-2.8-R7 Datasheet HTML 12Page - Analog Devices ADP124ACPZ-2.8-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADP124/ADP125
Rev. C | Page 9 of 20
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT = 100µA
VIN = VOUT + 1V
VRIPPLE = 50mV
CIN = COUT = 1µF
IOUT = 1mA
IOUT = 10mA
IOUT = 100mA
IOUT = 300mA
IOUT = 500mA
Figure 19. Power Supply Rejection Ratio vs. Frequency, VOUT= 4.2 V, VIN = 5.2 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VOUT = 2.8V, IOUT = 10mA
VIN = VOUT + 1V
VRIPPLE = 50mV
CIN = COUT = 1µF
VOUT = 3.3V, IOUT = 10mA
VOUT = 4.2V, IOUT = 10mA
VOUT = 2.8V, IOUT = 500mA
VOUT = 3.3V, IOUT = 500mA
VOUT = 4.2V, IOUT = 500mA
Figure 20. Power Supply Rejection Ratio vs. Frequency,
Various Output Voltages and Load Currents
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VIN = 3.1V, IOUT = 10mA
VIN = 3.3V, IOUT = 10mA
VIN = 3.8V, IOUT = 10mA
VIN = 4.8V, IOUT = 10mA
VIN = 3.1V, IOUT = 500mA
VIN = 3.3V, IOUT = 500mA
VIN = 3.8V, IOUT = 500mA
VIN = 4.8V, IOUT = 500mA
Figure 21. Power Supply Rejection Ratio vs. Headroom Voltage (VIN − VOUT),
VOUT = 2.8 V
0
1
2
3
4
5
10
100
1k
10k
100k
FREQUENCY (Hz)
VOUT = 2.8V
VOUT = 3.3V
VOUT = 4.2V
Figure 22. Output Noise Spectrum, VIN = 5 V
20
25
30
35
40
45
50
55
60
65
70
0.001
0.01
0.1
1
10
100
1k
ILOAD (mA)
VOUT = 2.8V
VOUT = 3.3V
VOUT = 4.2V
Figure 23. Output Noise vs. Load Current and Output Voltage, VIN = 5 V
M40.0µs A CH1
200mA
1
2
T
9.800%
VIN = 4V
VOUT = 3.3V
VOUT
1mA TO 500mA LOAD STEP
CH1
500mA Ω B
W
CH2 50.0mV
B
W
IOUT
Figure 24. Load Transient Response, COUT = 1 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com