Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP124ACPZ-2.8-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP124ACPZ-2.8-R7
Description  5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP124ACPZ-2.8-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP124ACPZ-2.8-R7 Datasheet HTML 12Page - Analog Devices ADP124ACPZ-2.8-R7 Datasheet HTML 13Page - Analog Devices ADP124ACPZ-2.8-R7 Datasheet HTML 14Page - Analog Devices ADP124ACPZ-2.8-R7 Datasheet HTML 15Page - Analog Devices ADP124ACPZ-2.8-R7 Datasheet HTML 16Page - Analog Devices ADP124ACPZ-2.8-R7 Datasheet HTML 17Page - Analog Devices ADP124ACPZ-2.8-R7 Datasheet HTML 18Page - Analog Devices ADP124ACPZ-2.8-R7 Datasheet HTML 19Page - Analog Devices ADP124ACPZ-2.8-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADP124/ADP125
Data Sheet
Rev. C | Page 16 of 20
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
Heat dissipation from the package can be improved by increasing
the amount of copper attached to the pins of the ADP124/ADP125.
However, as shown in Table 6, a point of diminishing returns
eventually is reached, beyond which an increase in the copper
size does not yield significant heat dissipation benefits.
The input capacitor should be placed as close as possible to the
VIN and GND pins, and the output capacitor should be placed
as close as possible to the VOUT and GND pins. Use of 0402 or
0603 size capacitors and resistors achieves the smallest possible
footprint solution on boards where the area is limited.
Figure 42. Example ADP124 MSOP PCB Layout
Figure 43. Example ADP125 MSOP PCB Layout
Figure 44. Example ADP124/ADP125 LFCSP PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com