Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8436JCPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8436JCPZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8436JCPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8436JCPZ-R7 Datasheet HTML 11Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 12Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 13Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 14Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 15Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 16Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 17Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 18Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD8436
Rev. B | Page 15 of 24
16kΩ
16kΩ
16kΩ
16kΩ
OGND
OBUFOUT
OBUFIN+
OBUFIN–
–
+
CORE
C
8
14
13
12
9
OUT
2C
Figure 36. Output Buffer Amplifier Configured as a Two-Pole, Sallen-Key
Low-Pass Filter
Configure the output buffer (see Figure 37) to invert dc output.
OUT
16kΩ
16kΩ
OGND
OBUFOUT
OBUFIN+
OBUFIN–
CORE
32.4kΩ
8
14
12
13
9
–
+
Figure 37. Inverting Output Configuration
Current Output Option
If a current output is required, connect the current output,
OUT, to the destination load. To maximize precision, provide a
means for external calibration to replace the internal trimmed
resistor, which is bypassed. This configuration is useful for conve-
nient summing of the AD8436 result with another voltage, or
for polarity inversion.
–
+
8kΩ
15kΩ
16kΩ
19
CAVG
18
CCF
9
OUT
2
RMS
8
OGND
DIRECTION OF
DC OUTPUT
CURRENT
2kΩ
(OPTIONAL)
INVERTED DC
VOLTAGE
OUTPUT
32.4kΩ
DO NOT CONNECT FOR
CURRENT OUTPUT
CORE
Figure 38. Connections for Current Output Showing Voltage Inversion
Single Supply
Connections for single supply operation are shown in Figure 39
and are similar to those for dual power supply when the device is
ac-coupled. The analog inputs are all biased to half the supply
voltage, but the output remains referred to ground because the
output of the AD8436 is a current source. An additional bypass
connection is required at IGND to suppress ambient noise.
IGND
4.7µF
RMS
10µF
0.47µF
VEE
CAV
VCC
OGND
2
11
10
19
8
9
17
10MΩ
4
5
3
IBUFOUT
IBUFIN+
IBUFIN–
OUT
AD8436
4.7µF
Figure 39. Connections for Single Supply Operation
Recommended Application
Figure 40 shows a circuit for a typical application for frequencies
as low as power line, and above. The recommended averaging,
crest factor and LPF capacitor values are 10 μF, 0.1 μF and
3.3 μF. Refer to the Using the Output Buffer section if additional
low-pass filtering is required.
AC IN
VCC
VEE
DC
OUT
10MΩ
VEE
CAVG
VCC
OBUFOUT
IGND
OBUFIN+
OBUFIN–
OBUFV+
OUT
DNC
IBUFIN–
IBUFOUT
IBUFIN+
SUM
IBUFV+
1
4
3
2
5
8
7
6
9
12
11
10
16
15
14
13
10µF
0.47µF
OGND
IBUFGN
CCF
10µF
+
19
18
17
20
DNC
RMS
3.3µF
0.1µF
AD8436
Figure 40. Typical Application Circuit
Converting to Average Rectified Value
To configure the AD8436 for rectified average instead of rms
conversion, simply reduce the value of CAVG to 470 pF (see
Figure 41). To enable both modes of operation, insert a switch
between capacitor CAVG and Pin CAVG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com