Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8436JCPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8436JCPZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8436JCPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8436JCPZ-R7 Datasheet HTML 13Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 14Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 15Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 16Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 17Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 18Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 19Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 20Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD8436
Rev. B | Page 17 of 24
AD8436 EVALUATION BOARD
The AD8436-EVALZ provides a platform to evaluate AD8436
performance. The board is fully assembled, tested, and ready to
use after the power and signal sources are connected. Figure 47
is a photograph of the board. Signal connections are located on the
primary and secondary sides, with power and ground on the inner
layers. Figure 42 to Figure 46 illustrate the various design details of
the board, including basic layout and copper patterns. These
figures are useful for reference for application designs.
A Word About Using the AD8436 Evaluation Board
The AD8436-EVALZ offers many options, without sacrificing
simplicity. The board is tested and shipped with a 10 μF averaging
capacitor (CAVG), 3.3 μF low-pass filter capacitor (C8) and a
0.1 μF (COPT) capacitor to optimize crest factor performance.
To evaluate minimum cost applications, remove C8 and COPT.
The functions of the five switches are listed in Table 6.
Table 6.
Switch
Function
CORE_BUFFER
Selects core or input buffer for the input
signal
INCOUP
Selects ac or dc coupling to the core
SDCOUT
Selects the output buffer or the core
output at the DCOUT BNC.
IBUF_VCC
Enable or disables the input buffer
OBUF_VCC
Enable or disables the output buffer
All the I/Os are provided with test points for easy monitoring
with test equipment. The input buffer gain default is unity; for
2× gain, install a 0603 0 Ω resistor at Position R5. For higher
IBUF gains, remove the 0 Ω resistor at Position RFBH (there is
an internal 10 kΩ resistor from the OBUF_OUT to IBUFIN−)
and install a smaller value resistor in Position RFBL. A 100 Ω
resistor establishes a gain of 100×.
Single supply operation requires removal of Resistor R6 and
installing a 0.1 μF capacitor in the same position for noise
decoupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com