Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8436ARQZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8436ARQZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8436ARQZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8436ARQZ-R7 Datasheet HTML 1Page - Analog Devices AD8436ARQZ-R7 Datasheet HTML 2Page - Analog Devices AD8436ARQZ-R7 Datasheet HTML 3Page - Analog Devices AD8436ARQZ-R7 Datasheet HTML 4Page - Analog Devices AD8436ARQZ-R7 Datasheet HTML 5Page - Analog Devices AD8436ARQZ-R7 Datasheet HTML 6Page - Analog Devices AD8436ARQZ-R7 Datasheet HTML 7Page - Analog Devices AD8436ARQZ-R7 Datasheet HTML 8Page - Analog Devices AD8436ARQZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8436
Data Sheet
Rev. B | Page 4 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Voltage
Supply
±18 V
Input
±VS
Differential Input
+VS and −VS
Power Dissipation
CP-20-10 LFCSP Without Thermal Pad
1.2 W
CP-20-10 LFCSP With Thermal Pad
2.1 W
RQ Package
1.1 W
Output Short-Circuit Duration
Indefinite
Temperature
Operating Range
−40°C to +125°C
Storage Range
−65°C to +125°C
Lead Soldering (60 sec)
300°C
θJA
CP-20-10 LFCSP Without Thermal Pad
86°C/W
CP-20-10 LFCSP With Thermal Pad
48°C/W
RQ-20 Package
95°C/W
ESD Rating
2 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com